Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G06GS Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74LVC1G06GS
Description  Inverter with open-drain output Rev. 10 ??29 June 2012
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G06GS Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74LVC1G06GS Datasheet HTML 10Page - NXP Semiconductors 74LVC1G06GS Datasheet HTML 11Page - NXP Semiconductors 74LVC1G06GS Datasheet HTML 12Page - NXP Semiconductors 74LVC1G06GS Datasheet HTML 13Page - NXP Semiconductors 74LVC1G06GS Datasheet HTML 14Page - NXP Semiconductors 74LVC1G06GS Datasheet HTML 15Page - NXP Semiconductors 74LVC1G06GS Datasheet HTML 16Page - NXP Semiconductors 74LVC1G06GS Datasheet HTML 17Page - NXP Semiconductors 74LVC1G06GS Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
74LVC1G06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 29 June 2012
14 of 18
NXP Semiconductors
74LVC1G06
Inverter with open-drain output
Fig 16. Package outline SOT1226 (X2SON5)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
EIAJ
SOT1226
sot1226_po
12-04-10
12-04-25
Unit
mm
max
nom
min
0.35
0.85
0.80
0.75
0.04
0.30
0.25
0.20
0.85
0.80
0.75
0.27
0.22
0.17
0.05
A(1)
Dimensions
Note
1. Dimension A is including plating thickness.
2. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
SOT1226
A1
A3
0.128
0.040
DDh
Eb
e
0.48
kLv
0.1
wy
0.05
0.05
scale
01 mm
X
terminal 1
index area
D
E
A
B
detail X
A
A1
A3
C
y
C
y1
54
terminal 1
index area
L
b
e
A
C
B
v
C
w
2
1
0.20
0.27
0.22
0.17
y1
X2SON5: plastic thermal enhanced extremely thin small outline package; no leads;
5 terminals; body 0.8 x 0.8 x 0.35 mm
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com