Electronic Components Datasheet Search
  English  ▼

X  

BCP68 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BCP68
Description  20 V, 2 A NPN medium power transistors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCP68 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BCP68 Datasheet HTML 8Page - NXP Semiconductors BCP68 Datasheet HTML 9Page - NXP Semiconductors BCP68 Datasheet HTML 10Page - NXP Semiconductors BCP68 Datasheet HTML 11Page - NXP Semiconductors BCP68 Datasheet HTML 12Page - NXP Semiconductors BCP68 Datasheet HTML 13Page - NXP Semiconductors BCP68 Datasheet HTML 14Page - NXP Semiconductors BCP68 Datasheet HTML 15Page - NXP Semiconductors BCP68 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
BCP68_BC868_BC68PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 18 October 2011
12 of 23
NXP Semiconductors
BCP68; BC868; BC68PA
20 V, 2 A NPN medium power transistors
FR4 PCB, 4-layer copper, mounting pad for collector 1 cm2
Fig 14. Transient thermal impedance from junction to ambient as a function of pulse duration for SOT1061;
typical values
006aac687
10
1
102
103
Zth(j-a)
(K/W)
10–1
10–5
10
10–2
10–4
102
10–1
tp (s)
10–3
103
1
0
duty cycle = 1
0.01
0.05
0.1
0.2
0.33
0.5
0.75
0.02
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com