Electronic Components Datasheet Search
  English  ▼

X  

BCP68 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # BCP68
Description  20 V, 2 A NPN medium power transistors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCP68 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button BCP68 Datasheet HTML 15Page - NXP Semiconductors BCP68 Datasheet HTML 16Page - NXP Semiconductors BCP68 Datasheet HTML 17Page - NXP Semiconductors BCP68 Datasheet HTML 18Page - NXP Semiconductors BCP68 Datasheet HTML 19Page - NXP Semiconductors BCP68 Datasheet HTML 20Page - NXP Semiconductors BCP68 Datasheet HTML 21Page - NXP Semiconductors BCP68 Datasheet HTML 22Page - NXP Semiconductors BCP68 Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
BCP68_BC868_BC68PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 18 October 2011
19 of 23
NXP Semiconductors
BCP68; BC868; BC68PA
20 V, 2 A NPN medium power transistors
Reflow soldering is the only recommended soldering method.
Fig 26. Reflow soldering footprint SOT1061 (HUSON3)
occupied area
solder paste = solder lands
Dimensions in mm
sot1061_fr
solder resist
0.4
2.1
1.3
0.25
0.25
0.25
1.1
1.2
0.55
0.6
2.3
0.5 (2
×)
0.5 (2
×) 0.6 (2×)
0.4 (2
×)
0.5
1.6
1.7
1.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com