Electronic Components Datasheet Search
  English  ▼

X  

ALD1101 Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD1101
Description  DUAL N-CHANNEL MATCHED MOSFET PAIR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1101 Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD1101 Datasheet HTML 1Page - Advanced Linear Devices ALD1101 Datasheet HTML 2Page - Advanced Linear Devices ALD1101 Datasheet HTML 3Page - Advanced Linear Devices ALD1101 Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ALD1101A/ALD1101B
Advanced Linear Devices
3
ALD1101
TYPICAL PERFORMANCE CHARACTERISITCS
OUTPUT CHARACTERISTICS
160
120
80
0
40
VBS = 0V
TA = 25°C
VGS = 12V
10V
8V
6V
4V
2V
DRAIN-SOURCE VOLTAGE (V)
02
4
6
8
10
12
LOW VOLTAGE OUTPUT
CHARACTERISTICS
DRAIN -SOURCE VOLTAGE (mV)
-160
-80
0
80
160
-8
8
4
0
-4
4V
VGS = 12V
6V
VBS = 0V
TA = 25°C
2V
FORWARD TRANSCONDUCTANCE
vs. DRAIN-SOURCE VOLTAGE
DRAIN -SOURCE VOLTAGE (V)
1 x105
5 x104
1 x104
5 x103
2 x103
2 x104
1 x103
TA = +125°C
TA = +25°C
IDS = 10mA
IDS = 1mA
02
4
6
8
10
12
VBS = 0V
f = 1KHz
GATE - SOURCE VOLTAGE (V)
TRANSFER CHARACTERISTIC
WITH SUBSTRATE BIAS
20
15
10
5
0
0
0.8
1.6
2.4
3.2
4.0
VBS = 0V
-2V
-4V
-6V
-8V
-10V
-12V
VGS = VDS
TA = 25°C
GATE SOURCE VOLTAGE (V)
RDS (ON) vs. GATE - SOURCE VOLTAGE
10000
1000
100
10
2
0
4
6
8
10
12
VDS = 0.2V
VBS = 0V
TA = +25°C
TA = +125°C
OFF DRAIN - CURRENT vs.
TEMPERATURE
TEMPERATURE (
°C)
-50
-25
+25
+50
+75
+125
+100
0
10X10-6
VDS = +12V
VGS = VBS = 0V
10X10-12
10X10-9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com