Electronic Components Datasheet Search
  English  ▼

X  

ALD1101 Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1101
Description  DUAL N-CHANNEL MATCHED MOSFET PAIR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1101 Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1101 Datasheet HTML 1Page - Advanced Linear Devices ALD1101 Datasheet HTML 2Page - Advanced Linear Devices ALD1101 Datasheet HTML 3Page - Advanced Linear Devices ALD1101 Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GENERAL DESCRIPTION
The ALD1101 is a monolithic dual N-channel matched transistor pair
intended for a broad range of analog applications. These enhancement-
mode transistors are manufactured with Advanced Linear Devices' en-
hanced ACMOS silicon gate CMOS process.
The ALD1101 offers high input impedance and negative current tempera-
ture coefficient. The transistor pair is matched for minimum offset voltage
and differential thermal response, and it is designed for switching and
amplifying applications in +2V to +12V systems where low input bias
current, low input capacitance and fast switching speed are desired. Since
these are MOSFET devices, they feature very large (almost infinite)
current gain in a low frequency, or near DC, operating environment. When
used with an ALD1102, a dual CMOS analog switch can be constructed.
In addition, the ALD1101 is intended as a building block for differential
amplifier input stages, transmission gates, and multiplexer applications.
The ALD1101 is suitable for use in precision applications which require
very high current gain, beta, such as current mirrors and current sources.
The high input impedance and the high DC current gain of the Field Effect
Transistors result in extremely low current loss through the control gate.
The DC current gain is limited by the gate input leakage current, which is
specified at 50pA at room temperature. For example, DC beta of the device
at a drain current of 5mA at 25
°C is = 5mA/50pA = 100,000,000.
ADVANCED
LINEAR
DEVICES, INC.
DUAL N-CHANNEL MATCHED MOSFET PAIR
ALD1101A/ALD1101B
ALD1101
APPLICATIONS
• Precision current mirrors
• Precision current sources
• Analog switches
• Choppers
• Differential amplifier
input stage
• Voltage comparator
• Data converters
• Sample and Hold
• Analog inverter
FEATURES
• Low threshold voltage of 0.7V
• Low input capacitance
• Low Vos grades -- 2mV, 5mV, 10mV
• High input impedance -- 1012
Ω typical
• Negative current (IDS) temperature
coefficient
• Enhancement-mode (normally off)
• DC current gain 109
Operating Temperature Range*
-55
°C to +125°C0°C to +70°C0°C to +70°C
8-Pin
8-Pin
8-Pin
CERDIP
Plastic Dip
SOIC
Package
Package
Package
ALD1101A PA
ALD1101B PA
ALD1101 DA
ALD1101 PA
ALD1101 SA
* Contact factory for industrial temperature range.
ORDERING INFORMATION
BLOCK DIAGRAM
SOURCE 1 (1)
SUBSTRATE (8)
SOURCE 2 (7)
GATE 2 (6)
DRAIN 1 (3)
GATE 1 (2)
DRAIN 2 (5)
PIN CONFIGURATION
1
2
3
4
8
7
6
5
SOURCE 1
GATE 1
DRAIN 1
NC
SUBSTRATE
SOURCE 2
GATE 2
DRAIN 2
TOP VIEW
DA, PA, SA PACKAGE
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com


Similar Part No. - ALD1101

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1101 ALD-ALD1101 Datasheet
60Kb / 6P
DUAL N-CHANNEL MATCHED MOSFET PAIR
logo
ADL Embedded Solutions
ALD1101 ADL-ALD1101 Datasheet
66Kb / 7P
DUAL N-CHANNEL MATCHED MOSFET PAIR
2021
ALD1101A ADL-ALD1101A Datasheet
66Kb / 7P
DUAL N-CHANNEL MATCHED MOSFET PAIR
2021
logo
Advanced Linear Devices
ALD1101APAL ALD-ALD1101APAL Datasheet
60Kb / 6P
DUAL N-CHANNEL MATCHED MOSFET PAIR
logo
ADL Embedded Solutions
ALD1101APAL ADL-ALD1101APAL Datasheet
66Kb / 7P
DUAL N-CHANNEL MATCHED MOSFET PAIR
2021
More results

Similar Description - ALD1101

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1103 ALD-ALD1103 Datasheet
68Kb / 6P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1105 ALD-ALD1105 Datasheet
58Kb / 6P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED PAIR MOSFET
ALD1101A ALD-ALD1101A_12 Datasheet
60Kb / 6P
DUAL N-CHANNEL MATCHED MOSFET PAIR
ALD1103 ALD-ALD1103_12 Datasheet
101Kb / 9P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1105 ALD-ALD1105_12 Datasheet
101Kb / 9P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1103 ALD-ALD1103_16 Datasheet
93Kb / 9P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
logo
ADL Embedded Solutions
ALD1101A ADL-ALD1101A Datasheet
66Kb / 7P
DUAL N-CHANNEL MATCHED MOSFET PAIR
2021
ALD1103 ADL-ALD1103 Datasheet
77Kb / 8P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
ALD1105 ADL-ALD1105 Datasheet
77Kb / 8P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
logo
Advanced Linear Devices
ALD1106 ALD-ALD1106_V01 Datasheet
106Kb / 11P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com