Electronic Components Datasheet Search
  English  ▼

X  

ALD4213 Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD4213
Description  CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4213 Datasheet(HTML) 6 Page - Advanced Linear Devices

  ALD4213 Datasheet HTML 1Page - Advanced Linear Devices ALD4213 Datasheet HTML 2Page - Advanced Linear Devices ALD4213 Datasheet HTML 3Page - Advanced Linear Devices ALD4213 Datasheet HTML 4Page - Advanced Linear Devices ALD4213 Datasheet HTML 5Page - Advanced Linear Devices ALD4213 Datasheet HTML 6Page - Advanced Linear Devices ALD4213 Datasheet HTML 7Page - Advanced Linear Devices ALD4213 Datasheet HTML 8Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ALD4211/ALD4212
Advanced Linear Devices
6
ALD4213
TYPICAL PERFORMANCE CHARACTERISTICS
02
4
68
10
SIGNAL VOLTAGE (V)
40
80
120
160
200
240
ON RESISTANCE AS A
FUNCTION OF SIGNAL VOLTAGE
VSUPPLY = 10V
125
°C
85
°C
25
°C
-25
°C
-55
°C
125
°C
85
°C
- 25
°C
25
°C
- 55
°C
01
2
34
5
SIGNAL VOLTAGE (V)
0
100
200
300
400
500
ON RESISTANCE AS A
FUNCTION OF SIGNAL VOLTAGE
VSUPPLY = 5V
0
0.6
1.2
1.8
2.4
3.0
SIGNAL VOLTAGE (V)
100
250
700
400
550
ON RESISTANCE AS A
FUNCTION OF SIGNAL VOLTAGE
850
125
°C
85
°C
- 25
°C
25
°C
- 55
°C
VSUPPLY = 3V
3
4
5
6
SUPPLY VOLTAGE (V)
0
150
50
100
SWITCH DELAY TIME AS A FUNCTION
OF SUPPLY VOLTAGE
200
250
7
8
9
10
ALD 4211
ALD4213, SW2, 3
TURN ON DELAY TIME
TURN OFF DELAY TIME
3
4
5
6
SUPPLY VOLTAGE (V)
0
150
50
100
SWITCH DELAY TIME AS A FUNCTION
OF SUPPLY VOLTAGE
200
250
7
8
9
10
ALD4212
ALD4213 SW1, 4
TURN ON DELAY TIME
TURN OFF DELAY TIME
0
110
100
1000
10000
FREQUENCY (KHz)
1.0
0.8
0.6
0.4
0.2
0
POWER DISSIPATION AS A
FUNCTION OF FREQUENCY
VSUPPLY = 5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com