Electronic Components Datasheet Search
  English  ▼

X  

ALD4213 Datasheet(PDF) 8 Page - Advanced Linear Devices

Part # ALD4213
Description  CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4213 Datasheet(HTML) 8 Page - Advanced Linear Devices

  ALD4213 Datasheet HTML 1Page - Advanced Linear Devices ALD4213 Datasheet HTML 2Page - Advanced Linear Devices ALD4213 Datasheet HTML 3Page - Advanced Linear Devices ALD4213 Datasheet HTML 4Page - Advanced Linear Devices ALD4213 Datasheet HTML 5Page - Advanced Linear Devices ALD4213 Datasheet HTML 6Page - Advanced Linear Devices ALD4213 Datasheet HTML 7Page - Advanced Linear Devices ALD4213 Datasheet HTML 8Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ALD4211/ALD4212
Advanced Linear Devices
8
ALD4213
TEST CIRCUITS
CROSSTALK TEST CIRCUIT
SWITCHING TIME TEST CIRCUIT
CC
S
V+
V-
V+
COM1
OUT1
VO
GND
RL = 1KΩ
CL = 15pF
COM2
50
Ω
Vi = 1Vr ms
100kHz
OUT2
RL = 1KΩ
CL = 15pF
CCRR = 20 log [ VO/Vi ]
V-
4211.STTC.E
V+
V-
V+
V-
VS = 3V
COM1
IN1
OUT1
VO
GND
Logic Input
100kHz
4.5V
0V
RL = 1KΩ
CL = 35pF
tr = tf ≤ 20ns
Logic Input
VO
50%
50%
90%
10%
ton / toff
toff / ton
TOTAL HARMONIC DISTORTION
TEST CIRCUIT
4211.THDTC.EPS.W
V+
V-
V+
V-
COM1
OUT1
VO
GND
CL = 15pF
Vi = 1Vpp
100kHz
RL =
1K
Ω
IN1
50
Ω
CHARGE INJECTION TEST CIRCUIT
4211.CITC.EP
V+
V-
V+
V-
COM1
IN1
OUT1
VO
GND
Logic Input
100kHz
4.5V
0.5V
CL = 200pF
Logic Input
∆VO
VO
∆Q = CL∆VO
OFF ISOLATION TEST CIRCUIT
V+
V-
V+
V-
COM1
OUT1
VO
GND
CL = 15pF
Vi = 1Vrms
100kHz
RL =
1K
Ω
IN1
50
Ω
QIRR = 20 log (VO/Vi)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com