Electronic Components Datasheet Search
  English  ▼

X  

SDW02F1C Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # SDW02F1C
Description  Superior high Flux for High Current System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDW02F1C Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SDW02F1C Datasheet HTML 7Page - Seoul Semiconductor SDW02F1C Datasheet HTML 8Page - Seoul Semiconductor SDW02F1C Datasheet HTML 9Page - Seoul Semiconductor SDW02F1C Datasheet HTML 10Page - Seoul Semiconductor SDW02F1C Datasheet HTML 11Page - Seoul Semiconductor SDW02F1C Datasheet HTML 12Page - Seoul Semiconductor SDW02F1C Datasheet HTML 13Page - Seoul Semiconductor SDW02F1C Datasheet HTML 14Page - Seoul Semiconductor SDW02F1C Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Rev1.0, July 19, 2013
www.seoulsemicon.com
Product Data Sheet
ZC12
– Z-Power COB
11
Ambient Temperature Characteristics
Product Data Sheet
0
20
40
60
80
100
120
0
100
200
300
400
500
600
Ambient Temperature [
o
C]
Fig 8. Maximum Forward Current vs. Ambient Temperature, Tj(max.) = 125℃, IF=0.48A
Rth(j-a)=1.6K/W
Rth(j-a)=2.6K/W
Rth(j-a)=3.6K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com