Electronic Components Datasheet Search
  English  ▼

X  

SDW02F1C Datasheet(PDF) 13 Page - Seoul Semiconductor

Part # SDW02F1C
Description  Superior high Flux for High Current System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDW02F1C Datasheet(HTML) 13 Page - Seoul Semiconductor

Back Button SDW02F1C Datasheet HTML 9Page - Seoul Semiconductor SDW02F1C Datasheet HTML 10Page - Seoul Semiconductor SDW02F1C Datasheet HTML 11Page - Seoul Semiconductor SDW02F1C Datasheet HTML 12Page - Seoul Semiconductor SDW02F1C Datasheet HTML 13Page - Seoul Semiconductor SDW02F1C Datasheet HTML 14Page - Seoul Semiconductor SDW02F1C Datasheet HTML 15Page - Seoul Semiconductor SDW02F1C Datasheet HTML 16Page - Seoul Semiconductor SDW02F1C Datasheet HTML 17Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Rev1.0, July 19, 2013
www.seoulsemicon.com
Product Data Sheet
ZC12
– Z-Power COB
13
Color Bin Structure
B0
B1
B2
B3
B4
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
0.3207
0.3462
0.3292
0.3539
0.3212
0.3389
0.3293
0.3461
0.3217
0.3316
0.3212
0.3389
0.3293
0.3461
0.3217
0.3316
0.3293
0.3384
0.3222
0.3243
0.3293
0.3461
0.3373
0.3534
0.3293
0.3384
0.3369
0.3451
0.3294
0.3306
0.3292
0.3539
0.3376
0.3616
0.3293
0.3461
0.3373
0.3534
0.3293
0.3384
B5
B6
B7
B8
B9
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
0.3293
0.3384
0.3222
0.3243
0.3294
0.3306
0.3200
0.3572
0.3290
0.3656
0.3294
0.3306
0.3226
0.3178
0.3295
0.3234
0.3207
0.3462
0.3292
0.3539
0.3366
0.3369
0.3295
0.3234
0.3364
0.3288
0.3292
0.3539
0.3376
0.3616
0.3369
0.3451
0.3294
0.3306
0.3366
0.3369
0.3290
0.3656
0.3381
0.3740
C0
C1
C2
C3
C4
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
0.3376
0.3616
0.3463
0.3687
0.3373
0.3534
0.3456
0.3601
0.3369
0.3451
0.3373
0.3534
0.3456
0.3601
0.3369
0.3451
0.3448
0.3514
0.3366
0.3369
0.3456
0.3601
0.3539
0.3669
0.3448
0.3514
0.3526
0.3578
0.3440
0.3428
0.3463
0.3687
0.3552
0.3760
0.3456
0.3601
0.3539
0.3669
0.3448
0.3514
C5
C6
C7
C8
C9
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
0.3448
0.3514
0.3366
0.3369
0.3440
0.3428
0.3381
0.3740
0.3470
0.3810
0.3440
0.3428
0.3364
0.3288
0.3433
0.3345
0.3376
0.3616
0.3463
0.3687
0.3514
0.3487
0.3433
0.3345
0.3500
0.3400
0.3463
0.3687
0.3552
0.3760
0.3526
0.3578
0.3440
0.3428
0.3514
0.3487
0.3470
0.3810
0.3572
0.3891
CIE Chromaticity Diagram (Cool white), Ta=25℃, IF=350mA
0.32
0.33
0.34
0.35
0.36
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
6000K
5600K
5300K
5000K
4700K
ANSI
C5
C3
C1
C4
C2
C0
B5
B3
B1
B4
B2
B0
CIE X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com