Electronic Components Datasheet Search
  English  ▼

X  

2064 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 2064
Description  QUAD 1.5 A DARLINGTON SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2064 Datasheet(HTML) 1 Page - Allegro MicroSystems

  2064 Datasheet HTML 1Page - Allegro MicroSystems 2064 Datasheet HTML 2Page - Allegro MicroSystems 2064 Datasheet HTML 3Page - Allegro MicroSystems 2064 Datasheet HTML 4Page - Allegro MicroSystems 2064 Datasheet HTML 5Page - Allegro MicroSystems 2064 Datasheet HTML 6Page - Allegro MicroSystems 2064 Datasheet HTML 7Page - Allegro MicroSystems 2064 Datasheet HTML 8Page - Allegro MicroSystems 2064 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
QUAD 1.5 A DARLINGTON SWITCHES
High-voltage, high-current Darlington arrays ULN2064B/LB
through ULN2069B/LB are designed for interface between low-level
logic and a variety of peripheral loads such as relays, solenoids, dc and
stepper motors, magnetic print hammers, multiplexed LED and incan-
descent displays, heaters, and similar loads. Output off voltage ratings
of 50 V and 80 V are available. These quad drivers can drive resistive
loads to 480 watts (1.5 A x 80 V, 26% duty cycle). For inductive
loads, sustaining voltages of 35 V and 50 V at 100 mA are specified.
Quad drivers ULN2064B/LB, ULN2065B/LB, ULN2068B/LB,
and ULN2069B/LB are intended for use with TTL, low-speed TTL,
and 5 V MOS logic. The ULN2065B/LB and ULN2069B/LB are
selected for the 80 V minimum output breakdown specification. The
ULN2068B/LB and ULN2069B/LB have pre-driver stages and are
recommended for applications requiring high gain (low input-current
loading). Quad-driver arrays are supplied with heat-sink contact tabs
in 16-pin plastic DlPs (suffix ‘B’) and 20-lead surface-mountable wide-
body SOICs (suffix ‘LB’).
FEATURES
I TTL, DTL, MOS, CMOS Compatible Inputs
I Transient-Protected Outputs
I Loads to 480 Watts
I Heat-Sink Contact Tabs
I Automotive Capable
ABSOLUTE MAXIMUM RATINGS
at +25
°C Free-Air Temperature
for Any One Driver
(unless otherwise noted)
Output Voltage, VCEX ................ See Guide
Output Sustaining Voltage,
VCE(SUS) ............................. See Guide
Output Current, IOUT (Note 1) .......... 1.75 A
Input Voltage, VIN ...................... See Guide
Input Current, IB (Note 2) .................. 25 mA
Supply Voltage,
VS (ULN2068B/LB & 2069B/LB) ... 10 V
Total Package Power Dissipation,
PD ....................................... See Graph
Operating Temperature Range,
TA ................................. -20°C to +85°C
Storage Temperature Range,
TS ................................ -55°C to -150°C
1. Allowable combinations of output current,
number of outputs conducting, and duty cycle
are shown on the following pages.
2. Input current may be limited by maximum
allowable input voltage.
Always order by complete part number, e.g., ULN2064B .
2064 THRU
2069
ULN2064/65B
K16
15
14
13
12
611
710
89
1
2
3
4
5
Dwg. No. A-9765A
B
C
K
C
B
GND
GND
C
NC
B
GND
GND
B
NC
C


Similar Part No. - 2064

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2064 ETC2-2064 Datasheet
1Mb / 16P
Its a complete tool kit that fits in your palm.
logo
Heyco.
2064 HEYCO-2064 Datasheet
133Kb / 1P
Snap Bushings
logo
Christian Bürkert GmbH ...
2064 BURKERT-2064 Datasheet
992Kb / 16P
T-diaphragm valve with pneumatic actuator in stainless steel (Type INOX)
30.08.2023
logo
Keystone Electronics Co...
2064 KEYSTONE-2064 Datasheet
472Kb / 1P
COMPUTER HARDWARE
31-07 20th
logo
Tempo Communications, I...
2064 TEMPOCOMMUNICATIONS-2064 Datasheet
338Kb / 2P
Crimp & Terminate
More results

Similar Description - 2064

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
ULN2068 MOTOROLA-ULN2068 Datasheet
125Kb / 6P
QUAD 1.5 A DARLINGTON SWITCH
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
QUAD DARLINGTON SWITCHES
Apr-1993
ULN2064B-ULN2066B STMICROELECTRONICS-ULN2064B-ULN2066B Datasheet
98Kb / 8P
50V - 1.5A QUAD DARLINGTON SWITCHES
Apr-1993
ULN2065B-ULN2067B STMICROELECTRONICS-ULN2065B-ULN2067B Datasheet
133Kb / 7P
80 V - 1.5 A QUAD DARLINGTON SWITCHES
Apr-1993
logo
Allegro MicroSystems
2878 ALLEGRO-2878 Datasheet
222Kb / 8P
QUAD HIGH-CURRENT DARLINGTON SWITCHES
ULS-2064H ALLEGRO-ULS-2064H Datasheet
1Mb / 12P
1.25 A QUAD DARLINGTON SWITCHES
logo
STMicroelectronics
ULN2065B STMICROELECTRONICS-ULN2065B Datasheet
827Kb / 7P
80 V - 1.5 A QUAD DARLINGTON SWITCHES
Sep-2003
ULN2064B STMICROELECTRONICS-ULN2064B_03 Datasheet
1,009Kb / 8P
50V - 1.5A QUAD DARLINGTON SWITCHES
Sep-2003
logo
List of Unclassifed Man...
ULN-2061M ETC2-ULN-2061M Datasheet
3Mb / 163P
1.5A DARLINGTON SWITCHES
logo
STMicroelectronics
ULN2064B STMICROELECTRONICS-ULN2064B Datasheet
279Kb / 14P
50 V - 1.5 A quad Darlington switches
22-Jan-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com