Electronic Components Datasheet Search
  English  ▼

X  

2064 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 2064
Description  QUAD 1.5 A DARLINGTON SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2064 Datasheet(HTML) 4 Page - Allegro MicroSystems

  2064 Datasheet HTML 1Page - Allegro MicroSystems 2064 Datasheet HTML 2Page - Allegro MicroSystems 2064 Datasheet HTML 3Page - Allegro MicroSystems 2064 Datasheet HTML 4Page - Allegro MicroSystems 2064 Datasheet HTML 5Page - Allegro MicroSystems 2064 Datasheet HTML 6Page - Allegro MicroSystems 2064 Datasheet HTML 7Page - Allegro MicroSystems 2064 Datasheet HTML 8Page - Allegro MicroSystems 2064 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2064 THRU 2069
QUAD 1.5 A DARLINGTON
SWITCHES
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
4
PARTIAL SCHEMATIC
Test
Applicable
Limits
Characteristic
Symbol
Fig.
Devices
Test Conditions
Min.
Max.
Units
Output Leakage Current
ICEX
1
ULN2068B/LB
VCE = 50 V
—
100
µA
VCE = 50 V, TA = 70°C
—
500
µA
ULN2069B/LB
VCE = 80 V
—
100
µA
VCE = 80 V, TA = 70°C
—
500
µA
Output Sustaining Voltage
VCE(SUS )
2
ULN2068B/LB
IC = 100 mA, VIN = 0.4 V
35
—
V
ULN2069B/LB
IC = 100 mA, VIN = 0.4 V
50
—
V
VCE(SAT)
3All
IC = 500 mA, VIN = 2.75 V
—
1.1
V
IC = 750 mA, VIN = 2.75 V
—
1.2
V
IC = 1.0 A, VIN = 2.75 V
—
1.3
V
lC = 1.25 A, VIN = 2.75 V
—
1.4
V
ULN2069B/LB
IC = 1.5 A, VIN = 2.75 V
—
1.5
V
Input Current
IIN(ON)
4All
VIN = 2.75 V
—
550
µA
VIN = 3.75 V
—
1000
µA
Input Voltage
VIN(ON)
5
ULN2068B/LB
VCE = 2.0 V, IC = 1.25 A
—
2.75
V
ULN2069B
VCE = 2.0 V, IC = 1.5 A
—
2.75
V
Supply Current
IS
8All
IC = 500 mA, VIN = 2.75 V
—
6.0
mA
Turn-On Delay
tPLH
—
All
0.5 Ein to 0.5 Eout
—
1.0
µs
Turn-Off Delay
tPHL
—
All
0.5 Ein to 0.5 Eout, IC = 1.25 A
—
1.5
µs
Clamp Diode Leakage Current
IR
6
ULN2068B/LB
VR = 50 V
—
50
µA
VR = 50 V, TA = 70°C
—
100
µA
ULN2069B/LB
VR = 80 V
—
50
µA
VR = 80 V, TA = 70°C
—
100
µA
Clamp Diode Forward Voltage
VF
7All
IF = 1.0 A
—
1.75
V
IF = 1.5 A
—
2.0
V
Collector-Emitter
Saturation Voltage
ELECTRICAL CHARACTERISTICS at +25
°C, V
S
= 5.0 V (unless otherwise noted).
Dwg. No. A-10,354C
K
7.2K
3K
2.5K
C
B
900
VS
K16
15
14
13
12
611
710
89
1
2
3
4
5
B
NC
C
C
B
GND
GND
C
B
VS
GND
GND
B
C
K
Dwg. No. A-10,310
K20
19
18
16
15
813
912
10
11
1
2
3
5
6
B
NC
C
C
B
GND
GND
C
B
VS
GND
GND
B
C
K
14
7
17
4
GND
GND
GND
GND
Dwg. No. A-14,327



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com