Electronic Components Datasheet Search
  English  ▼

X  

2544 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 2544
Description  QUAD DARLINGTON POWER DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2544 Datasheet(HTML) 1 Page - Allegro MicroSystems

  2544 Datasheet HTML 1Page - Allegro MicroSystems 2544 Datasheet HTML 2Page - Allegro MicroSystems 2544 Datasheet HTML 3Page - Allegro MicroSystems 2544 Datasheet HTML 4Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Combining logic gates and high-current bipolar outputs, the
UDN2544B quad Darlington power driver provides an interface be-
tween low-level logic circuitry and high-power loads. Each of the four
outputs can sink up to 1.8 A in the on state with peak inrush currents
to 2.5 A. The four power outputs are each comprised of an open-
collector Darlington driver and an internal flyback/clamp diode for
switching inductive loads. They feature a minimum breakdown and
sustaining voltage of 50 V. The logic inputs are compatible with TTL
and 5 V CMOS logic systems.
This device is particularly well-suited for unipolar stepper motor
drive applications. With complementary control inputs and an active-
low ENABLE, the UDN2544B makes it easy to implement full stepping
of a stepper motor with only two microcontroller/microprocessor control
lines. Other typical applications include relay or solenoid driving and
incandescent or LED lamp driving.
The UDN2544B is supplied in a 16-pin batwing power DIP. The
batwing construction provides for maximum package power dissipation
in a standard DIP construction. At 25
°C, and with only 1 sq. in. of
copper foil at the ground tabs, the package is capable of safely dissi-
pating 3.8 W.
QUAD DARLINGTON
POWER DRIVER
FEATURES
I 1.8 A Continuous Output Current
I Output Voltage to 50 V
I Inputs Configured for Unipolar Stepper Motors
I Active-Low Output Enable
I TTL and 5 V CMOS Compatible Inputs
I Integral Transient-Suppression Diodes
Always order by complete part number:
UDN2544B .
ABSOLUTE MAXIMUM RATINGS
at TA = 25
°C
Output Voltage, VOUT ............................. 50 V
Output Current, IOUT
(Peak) ........................................... 2.5 A
(Continuous) ................................. 1.8 A
Logic Supply Voltage, VCC .................... 7.0 V
Input Voltage, VIN .................................. 7.0 V
Package Power Dissipation,
PD ......................................... See Graph
Operating Temperature Range,
TA .................................. -20
°C to +85°C
Storage Temperature Range,
TS ................................ -55
°C to +150°C
2544
1
2
3
14
4
5
6
7
8
9
10
11
12
13
15
16
ENABLE
GROUND
GROUND
OUT2
K
GROUND
GROUND
OUT3
OUT4
K
OUT1
V CC
IN 1
Dwg. PP-017A
IN4
IN3
IN 2


Similar Part No. - 2544

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2544 KR-2544 Datasheet
24Kb / 2P
Bandpass Filter
logo
Heyco.
2544 HEYCO-2544 Datasheet
132Kb / 1P
Break-Away Bumpers
2544 HEYCO-2544 Datasheet
132Kb / 1P
Break-Away Bumpers
logo
Mascot AS
2544 MASCOT-2544 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
Alpha Wire
25440-15 ALPHAWIRE-25440-15 Datasheet
395Kb / 4P
16 (19/.0117) AWG Tinned Copper
More results

Similar Description - 2544

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100313 NSC-100313 Datasheet
119Kb / 6P
Low Power Quad Driver
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
QUAD DARLINGTON SWITCHES
Apr-1993
L6221A STMICROELECTRONICS-L6221A Datasheet
163Kb / 15P
QUAD DARLINGTON SWITCH
Jul-1998
L6221C STMICROELECTRONICS-L6221C Datasheet
181Kb / 15P
QUAD DARLINGTON SWITCH
May-1997
logo
Fairchild Semiconductor
100313 FAIRCHILD-100313 Datasheet
82Kb / 8P
Low Power Quad Driver
logo
Allegro MicroSystems
2540 ALLEGRO-2540 Datasheet
143Kb / 8P
QUAD DARLINGTON POWER DRIVER
logo
STMicroelectronics
L6221AS STMICROELECTRONICS-L6221AS Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jun-2003
L6221C STMICROELECTRONICS-L6221C_03 Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jul-2003
logo
Allegro MicroSystems
UDK2559LBTR ALLEGRO-UDK2559LBTR Datasheet
465Kb / 8P
Protected Quad Power Driver
logo
STMicroelectronics
L6221 STMICROELECTRONICS-L6221 Datasheet
768Kb / 22P
Quad Darlington switch
30-Mar-2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com