Electronic Components Datasheet Search
  English  ▼

X  

2544 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 2544
Description  QUAD DARLINGTON POWER DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2544 Datasheet(HTML) 2 Page - Allegro MicroSystems

  2544 Datasheet HTML 1Page - Allegro MicroSystems 2544 Datasheet HTML 2Page - Allegro MicroSystems 2544 Datasheet HTML 3Page - Allegro MicroSystems 2544 Datasheet HTML 4Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2544
QUAD DARLINGTON
POWER DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Leakage Current
ICEX
VOUT = 50 V
—
<1.0
100
µA
Output Sustaining Voltage
VCE(sus)
IOUT = 1.8 A, L = 3.0 mH
50
—
—
V
Output Saturation Voltage
VCE(SAT)
IOUT = 600 mA
—
0.9
1.0
V
IOUT = 1.0 A
—
1.0
1.2
V
IOUT = 1.8 A
—
1.3
1.6
V
Input Voltage
Logic 1
VIN(1) or VEN(1)
2.4
—
—
V
Logic 0
VIN(0) or VEN(0)
—
—
0.8
V
Input Current
Logic 1
VIN(1) or VEN(1) = 2.4 V
—
—
10
µA
Logic 0
VIN(0) or VEN(0) = 0.8 V
—
—
-100
µA
Total Supply Current
ICC
All Outputs ON, Outputs Open
—
14
20
mA
All Outputs OFF
—
0.4
2.0
mA
Clamp Diode Forward Voltage
VF
IF = 1.0 A
—
1.3
1.6
V
IF = 1.8 A
—
1.6
2.0
V
Clamp Diode Leakage Current
IR
VR = 50 V
—
< 1.0
100
µA
Typical Data is for design information only.
Negative current is defined as coming out of (sourcing) the specified terminal.
As used here, -100 is defined as greater than +10 (absolute magnitude convention) and the minimum is implicitly zero.
ELECTRICAL CHARACTERISTICS at TA = +25
°C, T
J
≤ 150°C, V
CC = 4.75 V to 5.25 V.
TRUTH TABLE
ENABLE
IN1
OUT1
IN2
OUT2
IN3
OUT3
IN4
OUT4
L
H
ON
H
OFF
H
OFF
H
ON
L
OFF
L
ON
L
ON
L
OFF
H
X
OFF
X
OFF
X
OFF
X
OFF
X = Don't care
W
Copyright © 1989, 1995 Allegro MicroSystems, Inc.
50
75
100
125
150
3
2
1
0
TEMPERATURE IN
°C
4
25
Dwg. GP-010B
5
R
= 43
°C/W
θJA
R
= 6.0
°C/W
θJT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com