Electronic Components Datasheet Search
  English  ▼

X  

2596 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 2596
Description  8-CHANNEL SATURATED SINK DRIVERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2596 Datasheet(HTML) 1 Page - Allegro MicroSystems

  2596 Datasheet HTML 1Page - Allegro MicroSystems 2596 Datasheet HTML 2Page - Allegro MicroSystems 2596 Datasheet HTML 3Page - Allegro MicroSystems 2596 Datasheet HTML 4Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2596 AND 2597
8-CHANNEL
SATURATED SINK DRIVERS
8-CHANNEL
SATURATED SINK DRIVERS
Low output-saturation voltages at high load currents are provided
by UDN2596A and UDN2597A sink driver ICs. These devices can be
used as interface buffers between standard low-power digital logic
(particularly MOS) and high-power loads such as relays, solenoids,
stepping motors, and LED or incandescent displays. The eight satu-
rated sink drivers in each device feature high-voltage, high-current
open-collector outputs. Transient suppression clamp diodes and a
minimum 35 V output sustaining voltage allow their use with many
inductive loads.
The saturated (non-Darlington) NPN outputs provide low collector-
emitter voltage drops as well as improved turn-off times due to an
active pull-down function within the output predrive section. The
UDN2596A is for use with output loads to 500 mA while the
UDN2597A is for use with loads to 1 A. Adjacent outputs may be
paralleled for higher load currents.
Inputs require very low input current and are activated by a low
logic level consistent with the much greater sinking capability associ-
ated with NMOS, CMOS, and TTL logic. The UDN2596A and
UDN2597A are rated for use with 5 V logic levels.
Both devices are furnished in 20-pin DIP packages with copper
leadframes for improved thermal characteristics. The UDN2596A is
also available for operation between -40
°C and +85°C. To order,
change the prefix from ‘UDN’ to ‘UDQ’.
ONE OF EIGHT DRIVERS
ABSOLUTE MAXIMUM RATINGS
at TA = + 25°C
OutputVoltage,VCE ................................ 50 V
Output Current, IOUT
(UDN2596A) ............................ 500 mA
(UDN2597A) ................................ 1.0 A
Supply Voltage, VCC ............................ 7.0 V
Input Voltage, VlN ................................. 7.0 V
Package Power Dissipation,
PD ............................................. 2.27 W*
Operating Temperature Range,
TA ................................. -20
°C to +85°C
Storage Temperature Range,
TS .............................. - 65°C to +150°C
*Derate at the rate of 18.2 mW/
°C above
TA = +25°C
Dwg. No. W-100
Dwg. No. W-101
FEATURES
s Non-Inverting Function
s Low Output ON Voltages
s Up to 1.0 A Sink Capability
s 50 V Min. Output Breakdown
s Output Transient-Suppression
Diodes
2596 AND
2597
s Output Pull-Down for
Fast Turn-Off
s TTL, CMOS Compatible Inputs
s Automotive Capable


Similar Part No. - 2596

ManufacturerPart #DatasheetDescription
logo
Heyco.
2596 HEYCO-2596 Datasheet
153Kb / 1P
Louvered Plugs
logo
List of Unclassifed Man...
25960 ETC-25960 Datasheet
3Mb / 2P
VACO STEP DRILL BITS
Rev. 11/22 A
25960-9 ETC-25960-9 Datasheet
3Mb / 2P
VACO STEP DRILL BITS
Rev. 11/22 A
25961 ETC-25961 Datasheet
3Mb / 2P
VACO STEP DRILL BITS
Rev. 11/22 A
25961-6 ETC-25961-6 Datasheet
3Mb / 2P
VACO STEP DRILL BITS
Rev. 11/22 A
More results

Similar Description - 2596

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2595 ALLEGRO-2595 Datasheet
133Kb / 8P
8-CHANNEL SATURATED SINK DRIVER
logo
Analog Intergrations Co...
AIC2803 AIC-AIC2803 Datasheet
52Kb / 5P
8-CHANNEL DARLINGTON DRIVERS
logo
Allegro MicroSystems
A2981 ALLEGRO-A2981 Datasheet
277Kb / 10P
8-CHANNEL SOURCE DRIVERS
2981 ALLEGRO-2981_07 Datasheet
718Kb / 11P
8-CHANNEL SOURCE DRIVERS
logo
Texas Instruments
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1 Datasheet
588Kb / 26P
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
logo
Allegro MicroSystems
UDN2982 ALLEGRO-UDN2982 Datasheet
351Kb / 8P
8-Channel Source Drivers
logo
Texas Instruments
TLC5916-Q1 TI1-TLC5916-Q1_16 Datasheet
713Kb / 34P
8-Bit Constant-Current LED Sink Drivers
logo
Allegro MicroSystems
UDN2580A ALLEGRO-UDN2580A Datasheet
175Kb / 12P
8-CHANNEL SOURCE DRIVERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com