Electronic Components Datasheet Search
  English  ▼

X  

2596 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 2596
Description  8-CHANNEL SATURATED SINK DRIVERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2596 Datasheet(HTML) 2 Page - Allegro MicroSystems

  2596 Datasheet HTML 1Page - Allegro MicroSystems 2596 Datasheet HTML 2Page - Allegro MicroSystems 2596 Datasheet HTML 3Page - Allegro MicroSystems 2596 Datasheet HTML 4Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2596 AND 2597
8-CHANNEL
SATURATED SINK DRIVERS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Limits
Characteristics
Symbol
Devices
Test Conditions
Min.
Max.
Units
Output Leakage Current
ICEX
Both
VOUT = 50 V, VIN = 2.4 V
—
10
µA
Output Sustaining Voltage
VCE(sus)
UDN2596A
lOUT = 300 mA, L = 2 mH
35
—
V
UDN2597A
lOUT = 750 mA, L = 2 mH
35
—
V
Output Saturation Voltage
VCE(SAT)
UDN2596A
lOUT = 300 mA
—
0.5
V
UDN2597A
lOUT = 750 mA
—
1.0
V
Clamp Diode Leakage Current
IR
Both
VR = 50 V
—
10
µA
Clamp Diode Forward Voltage
VF
UDN2596A
IF = 300 mA
—
1.8
V
UDN2597A
IF = 750 mA
—
1.8
V
Logic lnput Current
IlN(0)
UDN2956A
VIN = 0.8 V
—
-15
µA
UDN2597A
VIN = 0.8 V
—
-50
µA
IlN(1)
Both
VIN = 2.4 V
—
10
µA
Supply Current
ICC(ON)
UDN2596A
any one driver VIN = 0.8 V
—
6.0
mA
UDN2597A
any one driver VIN = 0.8 V
—
31
mA
ICC(OFF)
UDN2596A
all drivers VIN = 2.4 V
0.75
1.3
mA
UDN2597A
all drivers VIN = 2.4 V
0.75
15
mA
Turn-On Delay
tpd0
Both
0.5 EIN to 0.5 EOUT
—
3.0
µs
Turn-Off Delay
tpd1
Both
0.5 EIN to 0.5 EOUT
—
2.0
µs
Applicable
ELECTRICAL CHARACTERISTICS at TA = +25°C, VCC = 5.0 V
Copyright © 1984, 1999, Allegro MicroSystems, Inc.
RECOMMENDED
OPERATING CONDITIONS
Type Number
Logic
IOUT
UDN2596A
5.0 V
300 mA
UDN2597A
5.0 V
750 mA
Note: Pins 2 and 12 must both be connected to
power ground.
TYPICAL APPLICATION
DUAL STEPPER MOTOR DRIVE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com