Electronic Components Datasheet Search
  English  ▼

X  

2803 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # 2803
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2803 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button 2803 Datasheet HTML 2Page - Allegro MicroSystems 2803 Datasheet HTML 3Page - Allegro MicroSystems 2803 Datasheet HTML 4Page - Allegro MicroSystems 2803 Datasheet HTML 5Page - Allegro MicroSystems 2803 Datasheet HTML 6Page - Allegro MicroSystems 2803 Datasheet HTML 7Page - Allegro MicroSystems 2803 Datasheet HTML 8Page - Allegro MicroSystems 2803 Datasheet HTML 9Page - Allegro MicroSystems 2803 Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2803 THRU 2824
HIGH-VOLTAGE,
HIGH-CURRENT
DARLINGTON ARRAYS
www.allegromicro.com
INPUT CURRENT AS A
FUNCTION OF INPUT VOLTAGE
ULx28x3x
3.0
Dwg. GP-069
5.0
6.0
INPUT VOLTAGE
2.0
2.5
2.0
1.0
0
MAXIMUM
0.5
1.5
4.0
AREA OF NORMAL OPERATION
WITH STANDARD OR SCHOTTKY TTL
TYPICAL
0.5
Dwg. GP-067
1.0
2.0
1.5
COLLECTOR-EMITTER SATURATION VOLTAGE
0
600
400
200
0
COLLECTOR CURRENT AS A
FUNCTION OF INPUT CURRENT
200
Dwg. GP-068
400
600
INPUT CURRENT IN
µA
0
600
400
200
0
M
AX
. R
EQ
'D
IN
PU
T C
UR
RE
NT
ULx28x4x
6
Dwg. GP-069-1
10
12
INPUT VOLTAGE
5
2.0
1.0
0
MAXIMUM
0.5
1.5
8
TYPICAL
79
11
SATURATION VOLTAGE AS A FUNCTION OF
COLLECTOR CURRENT
x = Characters to identify specific device. Characteristic shown applies to family of devices with remaining digits as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com