Electronic Components Datasheet Search
  English  ▼

X  

2803 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 2803
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2803 Datasheet(HTML) 4 Page - Allegro MicroSystems

  2803 Datasheet HTML 1Page - Allegro MicroSystems 2803 Datasheet HTML 2Page - Allegro MicroSystems 2803 Datasheet HTML 3Page - Allegro MicroSystems 2803 Datasheet HTML 4Page - Allegro MicroSystems 2803 Datasheet HTML 5Page - Allegro MicroSystems 2803 Datasheet HTML 6Page - Allegro MicroSystems 2803 Datasheet HTML 7Page - Allegro MicroSystems 2803 Datasheet HTML 8Page - Allegro MicroSystems 2803 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2803 THRU 2824
HIGH-VOLTAGE,
HIGH-CURRENT
DARLINGTON ARRAYS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Test
Applicable
Limits
Characteristic
Symbol
Fig.
Devices
Test Conditions
Min.
Typ.
Max.
Units
Output Leakage Current
ICEX
1A
All
VCE = 95 V, TA = 25°C—
< 1
50
µA
VCE = 95 V, TA = 70°C
—
< 1
100
µA
1B
ULx2824x
VCE = 95 V, TA = 70°C, VIN = 1.0 V
—
< 5
500
µA
Collector-Emitter
VCE(SAT)
2
All
IC = 100 mA, IB = 250 µA
—
0.9
1.1
V
Saturation Voltage
lC = 200 mA, IB = 350 µA
—
1.1
1.3
V
IC = 350 mA, IB = 500 µA
—
1.3
1.6
V
Input Current
IIN(ON)
3
ULx2823x
VIN = 3.85 V
—
0.93
1.35
mA
ULx2824x
VIN = 5.0 V
—
0.35
0.5
mA
VIN = 12 V
—
1.0
1.45
mA
IIN(OFF)
4
All
lC = 500 µA, TA = 70°C50
65
—
µA
Input Voltage
VIN(ON)
5
ULx2823x
VCE = 2.0 V, lC = 200 mA
—
—
2.4
V
VCE = 2.0 V, IC = 250 mA
—
—
2.7
V
VCE = 2.0 V, lC = 300 mA
—
—
3.0
V
ULx2824x
VCE = 2.0 V, lC = 125 mA
—
—
5.0
V
VCE = 2.0 V, lC = 200 mA
—
—
6.0
V
VCE = 2.0 V, IC = 275 mA
—
—
7.0
V
VCE = 2.0 V, lC = 350 mA
—
—
8.0
V
Input Capacitance
CIN
—
All
—
15
25
pF
Turn-On Delay
tPLH
8
All
0.5 EIN to 0.5 EOUT
—
0.25
1.0
µs
Turn-Off Delay
tPHL
8
All
0.5 EIN to 0.5 EOUT
—
0.25
1.0
µs
Clamp Diode
IR
6
All
VR = 95 V, TA = 25°C—
—
50
µA
Leakage Current
VR = 95 V, TA = 70°C
—
—
100
µA
Clamp Diode
VF
7
All
IF = 350 mA
—
1.7
2.0
V
Forward Voltage
Complete part number includes prefix to operating temperature range: ULN = -20
°C to +85°C, ULQ = -40°C to +85°C
and a suffix to identify package style: A = DIP, LW = SOIC. Note that the ULQ2823LW and ULQ2824LW are not presently
available.
Types ULx2823A, ULN2823LW, ULx2824A, and ULN2824LW
ELECTRICAL CHARACTERISTICS at +25
°C (unless otherwise noted).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com