Electronic Components Datasheet Search
  English  ▼

X  

LM337AT Datasheet(PDF) 6 Page - ON Semiconductor

Part # LM337AT
Description  1.5 A, Adjustable Output, Negative Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337AT Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LM337AT Datasheet HTML 2Page - ON Semiconductor LM337AT Datasheet HTML 3Page - ON Semiconductor LM337AT Datasheet HTML 4Page - ON Semiconductor LM337AT Datasheet HTML 5Page - ON Semiconductor LM337AT Datasheet HTML 6Page - ON Semiconductor LM337AT Datasheet HTML 7Page - ON Semiconductor LM337AT Datasheet HTML 8Page - ON Semiconductor LM337AT Datasheet HTML 9Page - ON Semiconductor LM337AT Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LM337
http://onsemi.com
6
Figure 11. Ripple Rejection versus Output Voltage
Figure 12. Ripple Rejection versus Output Current
Figure 13. Ripple Rejection versus Frequency
Figure 14. Output Impedance
Figure 15. Line Transient Response
Figure 16. Load Transient Response
010
20
30
40
t, TIME (
ms)
010
20
30
40
t, TIME (
ms)
Vout = -10 V
IL = 50 mA
TJ = 25°C
CL = 1.0 mF
Without CAdj
0
-5.0
-10
-15
-20
-25
-30
-35
-40
Vout, OUTPUT VOLTAGE (V)
0.01
0.1
1.0
10
IO, OUTPUT CURRENT (A)
10
100
1.0 k
10 k
100 k
1.0 M
10 M
f, FREQUENCY (Hz)
10
100
1.0 k
10 k
100 k
1.0 M
f, FREQUENCY (Hz)
CAdj = 10 mF
0.8
0.6
0.4
0.2
0
-0.2
-0.4
0
-0.5
-1.0
-0.5
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
0
-1.0
-1.5
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
0
20
101
100
10-1
10-2
10-3
Without CAdj
CAdj = 10 mF
Vin = -15 V
Vout = -10 V
IL = 50 mA
TJ = 25°C
CL = 1.0 mF
CAdj = 10 mF
Vin - Vout = 5.0 V
IL = 500 mA
f = 120 Hz
TJ = 25°C
Without CAdj
Without CAdj
CAdj = 10 mF
Vin = -15 V
Vout = -10 V
f = 120 Hz
TJ = 25°C
CAdj =10 mF
Without CAdj
Vin = -15 V
Vout = -10 V
IL = 500 mA
TJ = 25°C
Without CAdj
CAdj = 10 mF
Vin = -15 V
Vout = -10 V
IL = 500 mA
CL = 1.0 mF
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com