Electronic Components Datasheet Search
  English  ▼

X  

A2918SW Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A2918SW
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A2918SW Datasheet(HTML) 1 Page - Allegro MicroSystems

  A2918SW Datasheet HTML 1Page - Allegro MicroSystems A2918SW Datasheet HTML 2Page - Allegro MicroSystems A2918SW Datasheet HTML 3Page - Allegro MicroSystems A2918SW Datasheet HTML 4Page - Allegro MicroSystems A2918SW Datasheet HTML 5Page - Allegro MicroSystems A2918SW Datasheet HTML 6Page - Allegro MicroSystems A2918SW Datasheet HTML 7Page - Allegro MicroSystems A2918SW Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DISCONTINUED
PRODUCT
—
FOR
REFERENCE
ONL
Y.
Use
UDN2917EB
for
new
design
The A2918SWH and A2918SWV motor drivers are designed
to drive both windings of a bipolar stepper motor or bidirectionally
control two dc motors. All bridges are capable of sustaining 45 V and
include internal pulse-width modulation (PWM) control of the output
current to 1.5 A.
For PWM current control, the maximum output current is
determined by the user’s selection of a reference voltage and sensing
resistor. A PHASE input to each bridge determines load current
direction. Active low ENABLE inputs control the four drivers in
each bridge.
The bridges include both ground clamp and flyback diodes for
protection against inductive transients. Internally generated delays
prevent cross-over currents when switching current direction.
Special power-up sequencing is not required. Thermal protection
circuitry disables the outputs if the chip temperature exceeds safe
operating limits.
The A2918SWH/V are supplied in an 18-lead power-tab package
with staggered lead forming. The tab is internally insulated from the
device and requires no external isolation. The A2918SWH/V are
available for operation from -40
°C to +85°C. To order, change the
suffix from 'S–' to 'E–'. These devices are also available on special
order for operation to +125
°C.
FEATURES
I ±1.5 A Continuous Output Current
I 45 V Output Sustaining Voltage
I Internal PWM Current Control
I Low Output Saturation Voltage
I Internal Clamp Diodes
I Internal Thermal Shutdown Circuitry
I Similar to Dual PBL3718 or Dual PBL3770
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
ABSOLUTE MAXIMUM RATINGS
at TJ
≤ +150°C
Motor Supply Voltage, VBB . . . . . . . . . 45 V
Output Current, IOUT (tw
≤20 µs) . .
±1.75 A
(Continuous) . . . . . . . . . . . . . .
±1.5 A
Logic Supply Voltage, VCC . . . . . . . . . 7.0 V
Logic Input Voltage Range,
VIN . . . . . . . . . . . . . . . -0.3 V to +7.0 V
Output Emitter Voltage, VE . . . . . . . . . 1.5 V
Package Power Dissipation,
PD . . . . . . . . . . . . . . . . . . . . See Graph
Operating Temperature Range,
TA . . . . . . . . . . . . . . . . -20
°C to +85°C
Storage Temperature Range,
TS . . . . . . . . . . . . . . . -40
°C to +150°C
Output current rating may be limited by duty cycle,
ambient temperature, and heat sinking. Under
any set of conditions, do not exceed the specified
peak current rating or a junction temperature of
+150
°C.
Always order by complete part number:
Part Number
Application
A2918SWH
For Horizontal Mount
A2918SWV
For Vertical Mount
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
Dwg. PP-051
OUT1A
OUT1B
OUT2A
OUT2B
E1
E2
SENSE1
SENSE2
GROUND
REFERENCE
LOGIC SPLY
LOAD SPLY
ENABLE1
ENABLE2
RC1
RC2
PHASE1
PHASE2
2918


Similar Part No. - A2918SW

ManufacturerPart #DatasheetDescription
logo
Omnetics Connector Corp...
A29100-009 OMNETICS-A29100-009 Datasheet
82Kb / 1P
SOCKET FEMALE Bi-Lobe® CONNECTOR
05-03-16
A29100-015 OMNETICS-A29100-015 Datasheet
86Kb / 1P
SOCKET FEMALE Bi-Lobe® CONNECTOR
05-03-16
A29100-021 OMNETICS-A29100-021 Datasheet
90Kb / 1P
SOCKET FEMALE Bi-Lobe® CONNECTOR
05-03-16
A29100-025 OMNETICS-A29100-025 Datasheet
93Kb / 1P
SOCKET FEMALE Bi-Lobe® CONNECTOR
05-03-16
A29100-031 OMNETICS-A29100-031 Datasheet
96Kb / 1P
SOCKET FEMALE Bi-Lobe® CONNECTOR
05-03-16
More results

Similar Description - A2918SW

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
logo
Texas Instruments
DRV8412 TI-DRV8412 Datasheet
1Mb / 28P
Dual Full Bridge PWM Motor Driver
logo
Allegro MicroSystems
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com