Electronic Components Datasheet Search
  English  ▼

X  

A2918SW Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A2918SW
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A2918SW Datasheet(HTML) 4 Page - Allegro MicroSystems

  A2918SW Datasheet HTML 1Page - Allegro MicroSystems A2918SW Datasheet HTML 2Page - Allegro MicroSystems A2918SW Datasheet HTML 3Page - Allegro MicroSystems A2918SW Datasheet HTML 4Page - Allegro MicroSystems A2918SW Datasheet HTML 5Page - Allegro MicroSystems A2918SW Datasheet HTML 6Page - Allegro MicroSystems A2918SW Datasheet HTML 7Page - Allegro MicroSystems A2918SW Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2918
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
PWM OUTPUT CURRENT WAVEFORM
APPLICATIONS INFORMATION
PWM Current Control
The A2918SWH/V dual bridges are
designed to drive both windings of a bipolar stepper
motor. Output current is sensed and controlled
independently in each bridge by an external sense
resistor (RS), an internal comparator, and an internal
monostable multivibrator.
When the bridge is turned ON, current increases
in the motor winding and it is sensed by RS until the
sense voltage (VSENSE) reaches the level set at the
comparator’s input:
ITRIP = VREF/10 RS
The comparator then triggers the monostable which
turns OFF the source driver of the bridge. The actual
load current peak will be slightly higher than the trip
point (especially for low-inductance loads) because of
internal logic and switching delays. This delay (td) is
2
µs typically. After turn-off, the motor current decays,
circulating through the ground clamp diode and sink
transistor. The source driver’s OFF time toff, and
therefore the magnitude of the current decrease, is
determined by the monostable’s external RC timing
components, where toff = RTCT within the range of 20
k
Ω to 100 kΩ and 200 pF to 500 pF.
When the source driver is re-enabled, the winding
current (the sense voltage) again is allowed to rise to
the comparator’s threshold. This cycle repeats itself,
maintaining the average motor winding current at the
desired level.
Special circuitry has been included to prevent
runaway current control when toff is set too short.
This circuitry prevents the source driver from being
re-enabled until the load current has decayed to
below the ITRIP level.
Loads with high distributed capacitances may result
in high turn-ON current peaks. This peak, appearing
across RS, will attempt to trip the comparator, resulting
in possible erroneous current control or high-frequency
oscillations. An external RCCC low-pass filter may be
used to delay the action of the comparator, and thus
ignore turn-on spikes.
+
–
0
Dwg. WM-003-1A
VPHASE
I
OUT
td
toff
ITRIP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com