Electronic Components Datasheet Search
  English  ▼

X  

AD9249-65EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9249-65EBZ
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249-65EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9249-65EBZ Datasheet HTML 9Page - Analog Devices AD9249-65EBZ Datasheet HTML 10Page - Analog Devices AD9249-65EBZ Datasheet HTML 11Page - Analog Devices AD9249-65EBZ Datasheet HTML 12Page - Analog Devices AD9249-65EBZ Datasheet HTML 13Page - Analog Devices AD9249-65EBZ Datasheet HTML 14Page - Analog Devices AD9249-65EBZ Datasheet HTML 15Page - Analog Devices AD9249-65EBZ Datasheet HTML 16Page - Analog Devices AD9249-65EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
AD9249
Rev. 0 | Page 13 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 7. Single-Tone 32k FFT with fIN = 9.7 MHz, fSAMPLE = 65 MSPS
Figure 8. Single-Tone 32k FFT with fIN = 19.7 MHz, fSAMPLE = 65 MSPS
Figure 9. Single-Tone 32k FFT with fIN = 48 MHz, fSAMPLE = 65 MSPS
Figure 10. Single-Tone 32k FFT with fIN = 69.5 MHz, fSAMPLE = 65 MSPS
Figure 11. Single-Tone 32k FFT with fIN = 118 MHz, fSAMPLE = 65 MSPS
Figure 12. Single-Tone 32k FFT with fIN = 139.5 MHz, fSAMPLE = 65 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
30
25
20
15
10
5
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 9.7MHz
SNR = 75.47dBFS
SINAD = 74.45dBc
SFDR = 96.6dBc
0
–20
–40
–60
–80
–100
–120
–140
0
30
25
20
15
10
5
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 19.7MHz
SNR = 75.39dBFS
SINAD = 74.35dBc
SFDR = 95.8dBc
0
–20
–40
–60
–80
–100
–120
–140
0
30
25
20
15
10
5
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 48MHz
SNR = 74.78dBFS
SINAD = 73.75dBc
SFDR = 96.6dBc
0
–20
–40
–60
–80
–100
–120
–140
0
30
25
20
15
10
5
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 69.5MHz
SNR = 74.41dBFS
SINAD = 73.37dBc
SFDR = 92.3dBc
0
–20
–40
–60
–80
–100
–120
–140
0
30
25
20
15
10
5
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 118MHz
SNR = 72.86dBFS
SINAD = 71.55dBc
SFDR = 83.3dBc
0
–20
–40
–60
–80
–100
–120
–140
0
30
25
20
15
10
5
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 139.5MHz
SNR = 72.22dBFS
SINAD = 70.84dBc
SFDR = 82.7dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com