Electronic Components Datasheet Search
  English  ▼

X  

AD9249-65EBZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9249-65EBZ
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249-65EBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9249-65EBZ Datasheet HTML 12Page - Analog Devices AD9249-65EBZ Datasheet HTML 13Page - Analog Devices AD9249-65EBZ Datasheet HTML 14Page - Analog Devices AD9249-65EBZ Datasheet HTML 15Page - Analog Devices AD9249-65EBZ Datasheet HTML 16Page - Analog Devices AD9249-65EBZ Datasheet HTML 17Page - Analog Devices AD9249-65EBZ Datasheet HTML 18Page - Analog Devices AD9249-65EBZ Datasheet HTML 19Page - Analog Devices AD9249-65EBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
AD9249
Data Sheet
Rev. 0 | Page 16 of 36
EQUIVALENT CIRCUITS
Figure 24. Equivalent Analog Input Circuit
Figure 25. Equivalent Clock Input Circuit
Figure 26. Equivalent SDIO/DFS Input Circuit
Figure 27. Equivalent Digital Output Circuit
Figure 28. Equivalent SCLK/DTP, SYNC, and PDWN Input Circuit
Figure 29. Equivalent RBIASx and VCMx Circuit
Figure 30. Equivalent CSBx Input Circuit
Figure 31. Equivalent VREF Circuit
AVDD
VIN±x1,
VIN±x2
CLK+
CLK–
0.9V
15kΩ
10Ω
10Ω
15kΩ
AVDD
AVDD
30kΩ
30kΩ
SDIO/DFS
350Ω
AVDD
DRVDD
DRGND
D–x1, D–x2
D+x1, D+x2
V
V
V
V
350Ω
AVDD
30kΩ
SCLK/DTP, SYNC,
AND PDWN
RBIAS1, RBIAS2
AND VCM1, VCM2
375Ω
AVDD
CSB1, CSB2
350Ω
AVDD
30kΩ
VREF
AVDD
7.5kΩ
375Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com