Electronic Components Datasheet Search
  English  ▼

X  

2987 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 2987
Description  8-CHANNEL SOURCE DRIVER WITH OVER-CURRENT PROTECTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2987 Datasheet(HTML) 1 Page - Allegro MicroSystems

  2987 Datasheet HTML 1Page - Allegro MicroSystems 2987 Datasheet HTML 2Page - Allegro MicroSystems 2987 Datasheet HTML 3Page - Allegro MicroSystems 2987 Datasheet HTML 4Page - Allegro MicroSystems 2987 Datasheet HTML 5Page - Allegro MicroSystems 2987 Datasheet HTML 6Page - Allegro MicroSystems 2987 Datasheet HTML 7Page - Allegro MicroSystems 2987 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2987
8-CHANNEL
SOURCE DRIVER
8-CHANNEL SOURCE DRIVER
WITH OVER-CURRENT PROTECTION
Providing over-current protection for each of its eight sourcing
outputs, the UDN2987A and UDN2987LW drivers are used as an
interface between standard low-level logic and relays, motors, sole-
noids, LEDs, and incandescent lamps. The device includes thermal
shutdown and output transient protection/clamp diodes for use with
sustaining voltages to 35 V.
In these drivers, each channel includes a latch to turn OFF that
channel if the maximum channel current is exceeded. All channels are
disabled if the thermal shutdown is activated. A common FAULT
output is used to indicate either chip thermal shutdown or any over-
current condition. All outputs are enabled by pulling the common OE/
R input high. When OE/R is low, all outputs are inhibited and the eight
latches are reset.
Under normal operating conditions, each of eight outputs will
source in excess of 100 mA continuously at an ambient temperature of
25
°C and a supply of 35 V. The over-current fault circuit will protect
the device from short-circuits to ground with supply voltages of up to
35 V.
The inputs are compatible with 5 V and 12 V logic systems—TTL,
Schottky TTL, DTL, PMOS, and CMOS. In all cases, the output is
switched ON by an active high input level. The UDN2987A is supplied
in a 20-pin dual in-line plastic package; the UDN2987LW is supplied in
a 20-lead small-outline plastic package.
FEATURES
s 350 mA Output Source Current
s Over-Current Protected
s Internal Ground Clamp Diodes
s Output Breakdown Voltage 35 V, Minimum
s TTL, DTL, PMOS, or CMOS Compatible Inputs
s Internal Thermal Shutdown
s Automotive Capable
Always order by complete part number:
Part Number
Package
UDN2987A
20-Pin DIP
UDN2987LW
20-Lead Wide-Body SOIC
Note that the UDN2987A (DIP) and the UDN2987LW
(SOIC) are electrically identical and share a common
terminal number assignment.
Dwg. PP-067
V
S
1
2
3
4
5
6
7
8
14
15
16
17
18
19
20
9
10
11
12
13
GROUND
OUT
IN
FAULT
OE/R
1
OEN
OE
SENSEN
FF
x8
OUT 2
OUT 3
OUT 4
OUT 5
OUT 6
OUT 7
OUT 8
1
IN 2
IN 3
IN 4
IN 5
IN 6
IN 7
IN 8
2987
ABSOLUTE MAXIMUM RATINGS
at TA = +25°C
Driver Supply Voltage, VS ..................... 35 V
Output Sustaining Voltage, VCE(sus) ...... 35 V
Continuous Output Current,
IOUT ........................................ -500 mA*
FAULT Output Voltage, VCE ................. 35 V
FAULT Output Current, lC ................. 30 mA
Input Voltage, VIN ................................. 15 V
Package Power Dissipation,
PD ........................................ See Graph
Operating Temperature Range,
TA ................................. -20
°C to +85°C
Storage Temperature Range,
TS ............................... -55
°C to +150°C
* Outputs are disabled at approximately -500 mA
per driver.


Similar Part No. - 2987

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2987 KR-2987 Datasheet
48Kb / 3P
Elliptic Lowpass
logo
Adafruit Industries
2987 ADAFRUIT-2987 Datasheet
81Kb / 1P
Stranded-Core Wire Spool - 25ft - 22AWG - Yellow
logo
PHOENIX CONTACT
2987024 PHOENIX-2987024 Datasheet
131Kb / 12P
Relay Module - PLC-RSP- 24UC/21AU/RW
2987095 PHOENIX-2987095 Datasheet
125Kb / 4P
PLC-RSP21HC/RW
2987105 PHOENIX-2987105 Datasheet
313Kb / 10P
Relay Module - PLC-RSP- 24UC/21-21/RW
10/27/2021
More results

Similar Description - 2987

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2985 ALLEGRO-2985 Datasheet
145Kb / 4P
8-CHANNEL SOURCE DRIVER
UDN2987X-6 ALLEGRO-UDN2987X-6 Datasheet
656Kb / 9P
DABIC-5 8-Channel Source Driver with Overcurrent Protection
A2982 ALLEGRO-A2982 Datasheet
313Kb / 8P
8-Channel Source Driver
UDN2987-6 ALLEGRO-UDN2987-6 Datasheet
252Kb / 9P
DABIC-5 8-Channel Source Driver with Overcurrent Protection
UDN2987LW-6 ALLEGRO-UDN2987LW-6 Datasheet
268Kb / 9P
DABIC-5 8-Channel Source Driver with Overcurrent Protection
logo
Delta Electronics, Inc.
Q48SC12008 DELTA-Q48SC12008 Datasheet
387Kb / 13P
Over-Current Protection
logo
SG Micro Corp
SGM3146 SGMICRO-SGM3146_16 Datasheet
2Mb / 12P
8-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
Will Semiconductor Ltd.
WS3212D WILLSEMI-WS3212D Datasheet
844Kb / 13P
Over-Voltage Protection IC with 200X constant current source for Li charging
logo
Infineon Technologies A...
1ED44176N01F INFINEON-1ED44176N01F Datasheet
968Kb / 20P
Single-channel low-side gate driver IC with over-current protection
V 2.2 2019-10-15
1ED44175N01B INFINEON-1ED44175N01B Datasheet
1Mb / 19P
Single-channel low-side IGBT gate driver IC with over-current protection
V 1.1 2020-04-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com