Electronic Components Datasheet Search
  English  ▼

X  

2987 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 2987
Description  8-CHANNEL SOURCE DRIVER WITH OVER-CURRENT PROTECTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2987 Datasheet(HTML) 3 Page - Allegro MicroSystems

  2987 Datasheet HTML 1Page - Allegro MicroSystems 2987 Datasheet HTML 2Page - Allegro MicroSystems 2987 Datasheet HTML 3Page - Allegro MicroSystems 2987 Datasheet HTML 4Page - Allegro MicroSystems 2987 Datasheet HTML 5Page - Allegro MicroSystems 2987 Datasheet HTML 6Page - Allegro MicroSystems 2987 Datasheet HTML 7Page - Allegro MicroSystems 2987 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2987
8-CHANNEL
SOURCE DRIVER
ELECTRICAL CHARACTERISTICS at TA = 25°C, VOE = 2.4 V, VS = 35 V
(unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Functional Supply Range
VS
7.0
—
35
V
Output Leakage Current
ICEX
VIN = 0.4 V*
—
<-5.0
-200
µA
Output Sustaining Voltage
VOUT(sus)
IOUT = -350 mA, L = 2.0 mH
35
—
—
V
Output Saturation Voltage
VOUT(SAT)
VIN = 2.4 V, IOUT = -100 mA
—
1.6
1.8
V
VIN = 2.4 V, IOUT = -225 mA
—
1.7
1.9
V
VIN = 2.4 V, IOUT = -350 mA
—
1.8
2.0
V
Channel Shutdown Threshold
IM
VIN = 2.4 V
-370
-500
—
mA
FAULT Leakage Current
ICEX
VCC = 35 V
—
<1.0
100
µA
FAULT Saturation Voltage
VCE(SAT)
IC = 30 mA
—
0.3
0.8
V
Input Voltage
VIN(ON)
2.4
—
—
V
VIN(OFF)
—
—
0.4
V
Input Current
IIN(ON)
VIN = 2.4 V
—
125
170
µA
VIN = 5.0 V
—
840
1020
µA
VIN = 12 V
—
1500
1800
µA
IIN(OFF)
VIN = 0.4 V
—
—
15
µA
Clamp Diode Leakage Current
IR
VR = 35 V, TA = 70°C—
—
50
µA
Clamp Diode Forward Voltage
VF
IF = 350 mA
—
1.5
1.8
V
Supply Current
IS(ON)
VIN = 2.4 V*, Outputs Open
—
13
18
mA
IS(OFF)
VIN = 0.4 V*
—
8.0
12
mA
Thermal Shutdown
TJ
—
165
—
°C
Thermal Hysteresis
∆T
J
—15
—
°C
Propagation Delay Time
tPLH
RL = 100Ω
—
0.3
0.6
µs
tPHL
RL = 100Ω
—
2.0
4.0
µs
Dead Time
td
—
1.0
—
µs
*AII inputs simultaneously.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com