Electronic Components Datasheet Search
  English  ▼

X  

ADP2323 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP2323
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2323 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP2323 Datasheet HTML 14Page - Analog Devices ADP2323 Datasheet HTML 15Page - Analog Devices ADP2323 Datasheet HTML 16Page - Analog Devices ADP2323 Datasheet HTML 17Page - Analog Devices ADP2323 Datasheet HTML 18Page - Analog Devices ADP2323 Datasheet HTML 19Page - Analog Devices ADP2323 Datasheet HTML 20Page - Analog Devices ADP2323 Datasheet HTML 21Page - Analog Devices ADP2323 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADP2323
Data Sheet
Rev. A | Page 18 of 32
UNDERVOLTAGE LOCKOUT
The undervoltage lockout (UVLO) threshold is 4.2 V with 0.5 V
hysteresis to prevent the device from power-on glitches. When
the PVIN1 or PVIN2 voltage rises above 4.2 V, Channel 1 or
Channel 2 is enabled and the soft start period initiates. When either
PVIN1 or PVIN2 drops below 3.7 V, it turns off Channel 1 or
Channel 2, respectively.
THERMAL SHUTDOWN
In the event that the ADP2323 junction temperature exceeds
150°C, the thermal shutdown circuit turns off the regulator. A
15°C hysteresis is included so that the ADP2323 does not
recover from thermal shutdown until the on-chip temperature
drops below 135°C. Upon recovery, soft start is initiated prior to
normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com