Electronic Components Datasheet Search
  English  ▼

X  

ADP2323 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP2323
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2323 Datasheet(HTML) 3 Page - Analog Devices

  ADP2323 Datasheet HTML 1Page - Analog Devices ADP2323 Datasheet HTML 2Page - Analog Devices ADP2323 Datasheet HTML 3Page - Analog Devices ADP2323 Datasheet HTML 4Page - Analog Devices ADP2323 Datasheet HTML 5Page - Analog Devices ADP2323 Datasheet HTML 6Page - Analog Devices ADP2323 Datasheet HTML 7Page - Analog Devices ADP2323 Datasheet HTML 8Page - Analog Devices ADP2323 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
ADP2323
Rev. A | Page 3 of 32
FUNCTIONAL BLOCK DIAGRAM
+
–
+
0.6V
ISS1
SS1
FB1
COMP1
Σ
AMP1
CONTROL
LOGIC
AND MOSFET
DRIVER WITH
ANTICROSS
PROTECTION
BST1
SW1
I1MAX
I1MAX
HICCUP
MODE
NFET1
VDRV
DL1
0.7V
0.54V
OVP
PGOOD1
PVIN1
UVLO
EN1
CURRENT-
LIMIT
SELECTION
OSCILLATOR
PGND
SCFG
SYNC
RT
CLK1
CLK2
SLOPE RAMP1
SLOPE RAMP2
5V REGULATOR
EN1_BUF
ADP2323
EN1_BUF
EN2_BUF
INTVCC
PVIN1
GND
MODE
MODE_BUF
SKIP MODE
THRESHOLD
MODE_BUF
SKIP
CMP1
SLOPE RAMP1
CLK1
–
+
ZERO CURRENT
CMP
VDRV
+
TRK1
+
–
+
–
1.2V
4µA
1µA
OCP
CMP1
+
–
+
–
+
–
+
–
DRIVER
DRIVER
BOOST
REGULATOR
+
–
+
0.6V
ISS2
SS2
FB2
COMP2
Σ
AMP2
CONTROL
LOGIC
AND MOSFET
DRIVER WITH
ANTICROSS
PROTECTION
BST2
SW2
I2MAX
I2MAX
HICCUP
MODE
NFET2
VDRV
DL2
0.7V
0.54V
OVP
PGOOD2
PVIN2
UVLO
EN2
CURRENT-
LIMIT
SELECTION
EN2_BUF
SKIP MODE
THRESHOLD
MODE_BUF
SKIP
CMP2
SLOPE RAMP2
CLK2
–
+
ZERO CURRENT
CMP
+
TRK2
+
–
+
–
1.2V
4µA
1µA
OCP
CMP2
+
–
+
–
+
–
+
–
DRIVER
DRIVER
BOOST
REGULATOR
ACS1
ACS2
Figure 3. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com