Electronic Components Datasheet Search
  English  ▼

X  

7447797180 Datasheet(PDF) 5 Page - Analog Devices

Part # 7447797180
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7447797180 Datasheet(HTML) 5 Page - Analog Devices

  7447797180 Datasheet HTML 1Page - Analog Devices 7447797180 Datasheet HTML 2Page - Analog Devices 7447797180 Datasheet HTML 3Page - Analog Devices 7447797180 Datasheet HTML 4Page - Analog Devices 7447797180 Datasheet HTML 5Page - Analog Devices 7447797180 Datasheet HTML 6Page - Analog Devices 7447797180 Datasheet HTML 7Page - Analog Devices 7447797180 Datasheet HTML 8Page - Analog Devices 7447797180 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
ADP2323
Rev. A | Page 5 of 32
Parameters
Symbol
Test Conditions/Comments
Min
Typ
Max
Units
TRACKING INPUT (TRKx PINS)
TRKx Input Voltage Range
0
600
mV
TRKx-to-FBx Offset Voltage
TRKx = 0 mV to 500 mV
−10
+10
mV
TRKx Input Bias Current
100
nA
POWER GOOD (PGOODx PINS)
Power Good Rising Threshold
87
90
93
%
Power Good Hysteresis
5
%
Power Good Deglitch Time
From FBx to PGOODx
16
Clock cycle
PGOODx Leakage Current
V
PGOOD = 5 V
0.1
1
µA
PGOODx Output Low Voltage
I
PGOOD = 1 mA
50
100
mV
ENABLE (ENx PINS)
ENx Rising Threshold
1.2
1.28
V
ENx Falling Threshold
1.02
1.1
V
ENx Source Current
EN voltage below falling threshold
5
µA
EN voltage above rising threshold
1
µA
MODE (MODE PIN)
Input High Voltage
1.3
V
Input Low Voltage
0.4
V
THERMAL
Thermal Shutdown Threshold
150
°C
Thermal Shutdown Hysteresis
15
°C
1 Tested in a feedback loop that adjusts V
FB to achieve a specified voltage on the COMPx pin.
2 Pin-to-pin measurements.
3 Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com