Electronic Components Datasheet Search
  English  ▼

X  

7447797180 Datasheet(PDF) 28 Page - Analog Devices

Part # 7447797180
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7447797180 Datasheet(HTML) 28 Page - Analog Devices

Back Button 7447797180 Datasheet HTML 24Page - Analog Devices 7447797180 Datasheet HTML 25Page - Analog Devices 7447797180 Datasheet HTML 26Page - Analog Devices 7447797180 Datasheet HTML 27Page - Analog Devices 7447797180 Datasheet HTML 28Page - Analog Devices 7447797180 Datasheet HTML 29Page - Analog Devices 7447797180 Datasheet HTML 30Page - Analog Devices 7447797180 Datasheet HTML 31Page - Analog Devices 7447797180 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADP2323
Data Sheet
Rev. A | Page 28 of 32
INTVCC
RTOP1
20kΩ
CC1
820pF
RC1
75kΩ
CSS1
22nF
CINT1
1µF
CDRV1
1µF
CIN1
10µF, 25V
CBST1
0.1µF
CBST2
0.1µF
L1
3.3µH
M1
FDS8880
M2
FDS8880
L2
4.7µH
VIN
12V
VIN
12V
VOUT1
1.8V, 3A
COUT1
100µF
COUT3
47µF
VOUT2
3.3V, 3A
RBOT1
10kΩ
RTOP2
10kΩ
RC2
82kΩ
CC2
820pF
CSS2
22nF
CIN2
10µF, 25V
RBOT2
2.21kΩ
ROSC1
100kΩ
MODE
SCFG
TRK2
TRK1
VDRV
ADP2323
GND
PGOOD2
PGOOD1
RT
SW1
DL1
PGND
DL2
SW2
COUT2
47µF
COUT4
47µF
INTVCC
SYNC
SYNC
RTOP3
20kΩ
CC3
820pF
RC3
75kΩ
CSS3
22nF
CINT2
1µF
CDRV2
1µF
CIN1
10µF, 25V
CBST3
0.1µF
CBST4
0.1µF
L3
3.3µH
M3
FDS8880
M4
FDS8880
L4
4.7µH
VIN
12V
VIN
12V
VOUT3
1.8V, 3A
COUT5
100µF
COUT7
47µF
VOUT4
3.3V, 3A
RBOT3
10kΩ
RTOP4
10kΩ
RC4
82kΩ
CC4
820pF
CSS4
22nF
CIN4
10µF, 25V
RBOT4
2.21kΩ
ROSC2
120kΩ
MODE
SCFG
TRK2
TRK1
VDRV
ADP2323
GND
PGOOD2
PGOOD1
SYNC
RT
SW1
DL1
PGND
DL2
SW2
COUT6
47µF
COUT8
47µF
Figure 54. Synchronization with 90° Phase Shift Between Each Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com