Electronic Components Datasheet Search
  English  ▼

X  

2998 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 2998
Description  DUAL FULL-BRIDGE MOTOR DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2998 Datasheet(HTML) 1 Page - Allegro MicroSystems

  2998 Datasheet HTML 1Page - Allegro MicroSystems 2998 Datasheet HTML 2Page - Allegro MicroSystems 2998 Datasheet HTML 3Page - Allegro MicroSystems 2998 Datasheet HTML 4Page - Allegro MicroSystems 2998 Datasheet HTML 5Page - Allegro MicroSystems 2998 Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
As an interface between low-level logic and solenoids, dc (brush)
motors, or stepper motors, the UDN2998W dual full-bridge driver will
operate inductive loads up to 50 V with continuous output currents of
up to 2 A per bridge or peak (start-up) currents to 3 A. The control
inputs are compatible with TTL, DTL, and 5 V CMOS logic. Except
for a common supply voltage and thermal shutdown, the two drivers in
each package are completely independent.
For external PWM control, an Output Enable for each bridge
circuit is provided and the sink driver emitters are pinned out for
connection to external current-sensing resistors. The chopper drive
mode is characterized by low power dissipation levels and maximum
efficiency. A PHASE input to each bridge determines load-current
direction.
Extensive circuit protection is provided on-chip. Both ground-
clamp and flyback diodes for each bridge are provided. A thermal
shutdown circuit disables the load drive if chip temperature rating
(package power dissipation) is exceeded. Internally-generated delays
provide crossover-current protection.
The UDN2998W is packaged in a 12-pin single in-line power-tab
package for high power capabilities. Driving either of the bridges at
the full 2 A dc rating requires the use of an external heat sink. The tab
is at ground potential and needs no insulation.
FEATURES
I
±3 A Peak Output Current
I Output Voltage to 50 V
I Integral Output Suppression Diodes
I Output Current Sensing
I TTL/CMOS Compatible Inputs
I Internal Thermal Shutdown Circuitry
I Crossover-Current Protected
I Automotive Capable
DUAL FULL-BRIDGE
MOTOR DRIVER
Always order by complete part number:
UDN2998W .
Dwg. No. W-106
2998
ABSOLUTE MAXIMUM RATINGS
at T
J ≤
+150
°C
Supply Voltage, VBB .......................... 50 V
Output Current, IOUT (continuous) .....
±2 A
(peak) ...........................................
±3 A
Sink Driver Emitter Voltage, VE ...... 1.5 V
Logic Input Voltage Range,
VPHASE or VENABLE ....... -0.3 V to 15 V
Package Power Dissipation,
PD ....................................... See Graph
Operating Temperature Range,
TA .............................. -20
°C to +85°C
Storage Temperature Range,
TS ............................. -55
°C to +150°C
NOTE: Output current rating may be limited
by chopping frequency, ambient tempera-
ture, air flow, or heat sinking. Under any set
of conditions, do not exceed the specified
current rating or a junction temperature of
+150
°C.


Similar Part No. - 2998

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
2998 KEYSTONE-2998 Datasheet
393Kb / 2P
6.8mm SM COIN CELL CLIP ON TAPE & REEL
5.04.21 REV.C
logo
List of Unclassifed Man...
2998-6001 ETC2-2998-6001 Datasheet
578Kb / 3P
SMA IN SERIES ADAPTERS
logo
Keystone Electronics Co...
2998TR KEYSTONE-2998TR Datasheet
393Kb / 2P
6.8mm SM COIN CELL CLIP ON TAPE & REEL
5.04.21 REV.C
More results

Similar Description - 2998

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
Dual Full-Bridge PWM Motor Driver
A3909 ALLEGRO-A3909 Datasheet
267Kb / 10P
Dual Full Bridge Motor Driver
logo
Microchip Technology
MTS62C19A MICROCHIP-MTS62C19A Datasheet
395Kb / 20P
Dual Full-Bridge Motor Driver
11/29/12 2010-2013
MTS2916A MICROCHIP-MTS2916A Datasheet
387Kb / 20P
Dual Full-Bridge Motor Driver
11/29/12 2010-2013
logo
Allegro MicroSystems
A3909 ALLEGRO-A3909_16 Datasheet
313Kb / 10P
Dual Full Bridge Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com