Electronic Components Datasheet Search
  English  ▼

X  

2998 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 2998
Description  DUAL FULL-BRIDGE MOTOR DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2998 Datasheet(HTML) 3 Page - Allegro MicroSystems

  2998 Datasheet HTML 1Page - Allegro MicroSystems 2998 Datasheet HTML 2Page - Allegro MicroSystems 2998 Datasheet HTML 3Page - Allegro MicroSystems 2998 Datasheet HTML 4Page - Allegro MicroSystems 2998 Datasheet HTML 5Page - Allegro MicroSystems 2998 Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2998
DUAL FULL-BRIDGE
MOTOR DRIVER
www.allegromicro.com
ELECTRICAL CHARACTERISTICS at TA = +25
°C, T
J
≤ +150°C, V
BB = 50 V
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Drivers
Operating Voltage Range
VBB
10
—50
V
Output Leakage Current
ICEX
VOUT = 50 V, VENABLE = 2.0 V, Note 2
—<5.0
50
µA
VOUT = 0, VENABLE = 2.0 V, Note 2
—<-5.0
-50
µA
Output Saturation Voltage
VCE(SAT)
IOUT = 1 A, Sink Driver
—1.2
1.4
V
IOUT = 2 A, Sink Driver
—1.7
1.9
V
IOUT = -1 A, Source Driver
—1.7
1.9
V
IOUT = -2 A, Source Driver
—2.0
2.2
V
Output Sustaining Voltage
VCE(sus)
IOUT =
±2 A, L = 3.5 mH, Note 2
50
—— V
Source Driver Rise Time
tr
IOUT = -2 A
—500
—
ns
Source Driver Fall Time
tf
IOUT = -2 A
—750
—
ns
Deadtime
td
IOUT =
±2 A
—2.5
—
µs
Clamp Diode Leakage Current
IR
VR = 50 V
—<5.0
50
µA
Clamp Diode Forward Voltage
VF
IF = 2 A
—1.5
2.0
V
Supply Current
IBB
VENABLE(1) = VENABLE(2) = 0.8 V
—30
35
mA
Control Logic (PHASE or ENABLE)
Logic lnput Voltage
VIN(0)
—— 0.8
V
VIN(1)
2.0
—— V
Logic Input Current
IIN(0)
VPHASE or VENABLE = 0.8 V
—-5.0
-25
µA
IIN(1)
VPHASE or VENABLE = 2.0 V
—<1.0
10
µA
Turn-On Delay Time
tpd0
ENABLE Input to Source Drivers
—0.4
1.0
µs
Turn-Off Delay Time
tpd1
ENABLE Input to Source Drivers
—2.0
4.0
µs
NOTES: 1. Each driver is tested separately.
2. Test is performed with V
PHASE = 0.8 V and then repeated for VPHASE = 2.0 V.
3. Negative current is defined as coming out of (sourcing) the specified device pin.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com