Electronic Components Datasheet Search
  English  ▼

X  

3046 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3046
Description  HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3046 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3046 Datasheet HTML 1Page - Allegro MicroSystems 3046 Datasheet HTML 2Page - Allegro MicroSystems 3046 Datasheet HTML 3Page - Allegro MicroSystems 3046 Datasheet HTML 4Page - Allegro MicroSystems 3046 Datasheet HTML 5Page - Allegro MicroSystems 3046 Datasheet HTML 6Page - Allegro MicroSystems 3046 Datasheet HTML 7Page - Allegro MicroSystems 3046 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Switching Hysteresis
15-90 G
150-250 G
Operating Temp. Range
Device Type Number
-40
°C to +85°C
A3046EU
A3058EU
A3056EU
-40
°C to +150°C
A3046LU
A3058LU
A3056LU
HALL EFFECT GEAR-TOOTH SENSORS
–ZERO SPEED
The A3046EU/LU, A3056EU/LU, and A3058EU/LU Hall effect
gear-tooth sensors are monolithic integrated circuits that switch in
response to differential magnetic fields created by ferrous targets.
These devices are ideal for use in gear-tooth-based speed, position,
and timing applications and operate down to zero rpm over a wide
range of air gaps and temperatures. When combined with a back-
biasing magnet and proper assembly techniques, devices can be
configured to give 50% duty cycle or to switch on either leading,
trailing, or both edges of a passing gear tooth or slot.
The six devices differ only in their magnetic switching values and
operating temperature ranges. The low hysteresis of the A3046/56EU
and A3046/56LU makes them perfectly suited for ABS (anti-lock brake
system) or speed sensing applications where maintaining large air
gaps is important. The A3046EU/LU features improved switch point
stability with temperature over the A3056EU/LU. The high hysteresis
of the A3058EU and A3058LU, with their excellent temperature
stability, makes them especially suited to ignition timing applications
where switch-point accuracy (and latching requirements) is extremely
important.
Continued next page...
BENEFITS
I Senses Ferrous Targets Down to Zero RPM
I Large Effective Air Gap
I Wide Operating Temperature Range
I Operation from Unregulated Supply
I High-Speed Operation
I Output Compatible With All Logic Families
I Reverse Battery Protection
I Solid-State Reliability
I Resistant to Physical Stress
Dwg. PH-012
1
V
CC
3
2
X
X
Pinning is shown viewed from branded side.
SELECTION GUIDE
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC . . . . . . . . . . . . . . 28 V
Reverse Battery Voltage,
VRCC . . . . . . . . . . . . . . . . . . . . . .
-30 V
Magnetic Flux Density, B . . . . .
Unlimited
Output OFF Voltage, VOUT . . . . . . . . . 28 V
Reverse Output Voltage, VOUT . . . . . -0.5 V
Output Current, IOUT . . . . . . . . . . . .
25 mA
Package Power Dissipation, PD . . 500 mW
Operating Temperature Range, TA
Suffix “EU” . . . . . . . . .
-40
°C to +85°C
Suffix “LU” . . . . . . . .
-40
°C to +150°C
Storage Temperature Range,
TS . . . . . . . . . . . . . . . -65
°C to +170°C
3046, 3056, AND
3058


Similar Part No. - 3046

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3046 BOURNS-3046 Datasheet
147Kb / 1P
Linear Motion Potentiometer
3046 BOURNS-3046 Datasheet
54Kb / 1P
Trimmer
logo
KR Electronics, Inc.
3046 KR-3046 Datasheet
76Kb / 3P
160 MHz Bandpass Filter
logo
Heyco.
3046 HEYCO-3046 Datasheet
135Kb / 1P
Large Dome Plugs
logo
PHOENIX CONTACT
3046003 PHOENIX-3046003 Datasheet
177Kb / 17P
Knife disconnect terminal block - UT 4-TWIN-MT - 3046003
More results

Similar Description - 3046

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3059 ALLEGRO-3059 Datasheet
84Kb / 8P
HALL-EFFECT GEAR-TOOTH SENSORS -AC COUPLED
ATS610LSA ALLEGRO-ATS610LSA Datasheet
182Kb / 16P
DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSORS
ATS622LSB ALLEGRO-ATS622LSB Datasheet
153Kb / 12P
TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS632LSA ALLEGRO-ATS632LSA Datasheet
118Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
ATS632LSC ALLEGRO-ATS632LSC Datasheet
75Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
ATS660LSB ALLEGRO-ATS660LSB Datasheet
214Kb / 16P
TRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR
A3059 ALLEGRO-A3059 Datasheet
144Kb / 10P
HALL-EFFECT GEAR-TOOTH SENSORS -ACCOUPLED
ATS660LSB ALLEGRO-ATS660LSB_06 Datasheet
193Kb / 17P
True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
May 1, 2006
logo
Nanjing Ouzhuo Technolo...
PCC020 OHHALLSENSOR-PCC020 Datasheet
260Kb / 5P
Hall effect Gear tooth Sensor
logo
Honeywell Accelerometer...
GTN1A112 HONEYWELL-ACC-GTN1A112 Datasheet
105Kb / 2P
Hall Effect Gear Tooth Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com