Electronic Components Datasheet Search
  English  ▼

X  

3046 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3046
Description  HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3046 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3046 Datasheet HTML 1Page - Allegro MicroSystems 3046 Datasheet HTML 2Page - Allegro MicroSystems 3046 Datasheet HTML 3Page - Allegro MicroSystems 3046 Datasheet HTML 4Page - Allegro MicroSystems 3046 Datasheet HTML 5Page - Allegro MicroSystems 3046 Datasheet HTML 6Page - Allegro MicroSystems 3046 Datasheet HTML 7Page - Allegro MicroSystems 3046 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3046, 3056, AND 3058
HALL EFFECT
GEAR-TOOTH SENSORS
–ZERO SPEED
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
All devices, when used with a back-
biasing magnet, can be configured to turn ON
or OFF with the leading or trailing edge of a
gear tooth or slot. Changes in fields on the
magnet face caused by a moving ferrous
mass are sensed by two integrated Hall
transducers and are differentially amplified by
on-chip electronics. The on-chip temperature
compensation and Schmitt trigger circuitry
minimizes shifts in effective working air gaps
and switch points over temperature making
these devices ideal for use in ignition timing,
anti-lock braking systems, and speed mea-
surement systems in hostile automotive and
industrial environments.
Each Hall effect digital Integrated circuit
includes two quadratic Hall effect sensing
elements, a voltage regulator, temperature
compensating circuitry, low-level amplifier,
Schmitt trigger, and an open-collector output
driver. The on-board regulator permits
operation with supply voltages of 4.5 to 24
volts. The output stage can switch up to 20
mA at conservatively specified repetition
rates to 20 kHz and is compatible with bipolar
and MOS logic circuits.
FUNCTIONAL BLOCK DIAGRAM
Both magnetic characteristics are available in a choice of two operat-
ing temperature ranges. Suffix EU devices have an operating range of
-40
°C to +85°C while suffix LU devices feature an operating range of
-40
°C to +150°C. All devices are packaged in a 3-pin plastic SIP.
ELECTRICAL CHARACTERISTICS at VCC = 8 V, over operating temperature range.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
Operating
4.5
—
24
V
Power-Up State
—
3058* only,
Output is OFF
—
VCC = 0 4.5 V, B < BOP
Output Saturation Voltage
VOUT(SAT)
IOUT = 20 mA, B > BOP
—
135
400
mV
Output Leakage Current
IOFF
VCC = VOUT = 24 V, B < BRP
—
—
5.0
µA
Supply Current
ICC
VCC = 24 V, B < BRP
—
7.2
14
mA
Output Rise time
tr
RL = 820
Ω, CL = 20 pF
—
100
—
ns
Output Fall time
tf
RL = 820
Ω, CL = 20 pF
—
100
—
ns
OUTPUT
X
X
Dwg. FH-010
SUPPLY
GROUND
REG
+
–
1
2
3
Copyright © 1989, 1995 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com