Electronic Components Datasheet Search
  English  ▼

X  

3121 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # 3121
Description  HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3121 Datasheet(HTML) 6 Page - Allegro MicroSystems

  3121 Datasheet HTML 1Page - Allegro MicroSystems 3121 Datasheet HTML 2Page - Allegro MicroSystems 3121 Datasheet HTML 3Page - Allegro MicroSystems 3121 Datasheet HTML 4Page - Allegro MicroSystems 3121 Datasheet HTML 5Page - Allegro MicroSystems 3121 Datasheet HTML 6Page - Allegro MicroSystems 3121 Datasheet HTML 7Page - Allegro MicroSystems 3121 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3121, 3122, AND 3123
HALL-EFFECT SWITCHES
FOR HIGH-TEMPERATURE
OPERATION
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Dwg. MH-003D in
0.063
0.059
0.018
0.015
0.016
0.050
1
2
3
0.100
45°
SEE NOTE
0.183
0.178
0.181
0.176
0.600
0.560
0.086
MAX
Dwg. MH-003D mm
1.60
1.50
0.46
0.38
0.41
1.27
1
2
3
2.54
45°
SEE NOTE
4.65
4.52
4.60
4.47
15.24
14.23
2.18
MAX
PACKAGE DESIGNATOR ‘U’
Dimensions in Inches
Dimensions in Millimeters
(controlling dimensions)
(for reference only)
NOTES: 1. Tolerances on package height and width represent allowable mold offsets.
Dimensions given are measured at the widest point (parting line).
2. Exact body and lead configuration at vendor’s option within limits shown.
3. Height does not include mold gate flash.
4. Recommended minimum PWB hole diameter to clear transition area is 0.035" (0.89 mm).
5. Where no tolerance is specified, dimension is nominal.
Devices in the ‘U’ package are
NOT RECOMMENDED FOR NEW DESIGN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com