Electronic Components Datasheet Search
  English  ▼

X  

3121 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3121
Description  HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3121 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3121 Datasheet HTML 1Page - Allegro MicroSystems 3121 Datasheet HTML 2Page - Allegro MicroSystems 3121 Datasheet HTML 3Page - Allegro MicroSystems 3121 Datasheet HTML 4Page - Allegro MicroSystems 3121 Datasheet HTML 5Page - Allegro MicroSystems 3121 Datasheet HTML 6Page - Allegro MicroSystems 3121 Datasheet HTML 7Page - Allegro MicroSystems 3121 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3121, 3122, AND 3123
HALL-EFFECT SWITCHES
FOR HIGH-TEMPERATURE
OPERATION
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SENSOR LOCATIONS
(
±0.005" [0.13 mm] die placement)
OPERATION
The output of these devices (pin 3) switches low when the mag-
netic field at the Hall sensor exceeds the operate point threshold (B
OP).
At this point, the output voltage is V
OUT(SAT). When the magnetic field
is reduced to below the release point threshold (B
RP), the device output
goes high. The difference in the magnetic operate and release points is
called the hysteresis (B
hys) of the device. This built-in hysteresis allows
clean switching of the output even in the presence of external mechani-
cal vibration and electrical noise.
APPLICATIONS INFORMATION
Hall effect applications information is available in the “Hall-Effect
IC Applications Guide”, which can be found in the latest issue of
Allegro MicroSystems Data Book AMS-702.
CHANGE IN OPERATE POINT
Suffix “LT”
Suffix “U”
Suffix “UA”
0.043"
1.09 mm
1
3
2
Dwg. MH-008-2C
0.030"
0.76 mm
NOM
ACTIVE AREA DEPTH
0.089"
2.26 mm
A
1
3
2
Dwg. MH-002-2B
0.016"
0.41 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.070"
1.78 mm
A
0.091"
2.31 mm
1
3
2
Dwg. MH-011-2C
0.019"
0.48 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.082"
2.07 mm
0.055"
1.38 mm
A
10
15
20
25
SUPPLY VOLTAGE IN VOLTS
0
Dwg. GH-042
5
-5.0
0
5.0
10
15
20
T
= +25°C
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com