Electronic Components Datasheet Search
  English  ▼

X  

3132 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3132
Description  ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3132 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3132 Datasheet HTML 1Page - Allegro MicroSystems 3132 Datasheet HTML 2Page - Allegro MicroSystems 3132 Datasheet HTML 3Page - Allegro MicroSystems 3132 Datasheet HTML 4Page - Allegro MicroSystems 3132 Datasheet HTML 5Page - Allegro MicroSystems 3132 Datasheet HTML 6Page - Allegro MicroSystems 3132 Datasheet HTML 7Page - Allegro MicroSystems 3132 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3132 AND 3133
BIPOLAR
HALL-EFFECT SWITCHES
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
VCC
X
REG.
Dwg. FH-005-2
GROUND
OUTPUT
3
2
1
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
Operating
4.5
—
24
V
Output Saturation Voltage
VOUT(SAT)
IOUT = 20 mA, B ≥ BOP
—
145
400
mV
Output Leakage Current
IOFF
VOUT = 24 V, B ≤ BRP
—
<1.010
µA
Supply Current
ICC
VCC = 24 V, B ≤ BRP
—
4.3
9.0mA
Output Rise Time
tr
VCC = 12 V, RL = 820 Ω, CL = 20 pF
—
0.04
2.0
µs
Output Fall Time
tf
VCC = 12 V, RL = 820 Ω, CL = 20 pF
—
0.18
2.0
µs
Limits
Characteristic
Symbol
Device Type*
Min.
Typ.
Max.
Units
Operate Point
BOP
3132
—
32
95
G
3133
—
32
75
G
Release Point
BRP
3132
-95
-20—
G
3133
-75
-20—
G
Hysteresis
Bhys
Both
3052
—
G
NOTE: As used here, negative flux densities are defined as less than zero (algebraic convention.)
Typical values are at TA = +25°C and VCC = 12 V.
*
Complete part number includes a prefix denoting operating temperature range (UGL, UGN, or UGS)
and a suffix denoting package type (LT, U, or UA).
ELECTRICAL CHARACTERISTICS at TA = +25
°C
MAGNETIC CHARACTERISTICS over operating temperature and voltage range.
Copyright © 1996,1999, Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com