Electronic Components Datasheet Search
  English  ▼

X  

3132 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3132
Description  ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3132 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3132 Datasheet HTML 1Page - Allegro MicroSystems 3132 Datasheet HTML 2Page - Allegro MicroSystems 3132 Datasheet HTML 3Page - Allegro MicroSystems 3132 Datasheet HTML 4Page - Allegro MicroSystems 3132 Datasheet HTML 5Page - Allegro MicroSystems 3132 Datasheet HTML 6Page - Allegro MicroSystems 3132 Datasheet HTML 7Page - Allegro MicroSystems 3132 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3132 AND 3133
BIPOLAR
HALL-EFFECT SWITCHES
www.allegromicro.com
TYPICAL CHARACTERISTICS
12
16
20
SUPPLY VOLTAGE IN VOLTS
4.0
Dwg. GH-021
24
8.0
RELEASE POINT
I
= 20 mA
OUT
40
20
0
-20
-40
OPERATE POINT
28
T
= 25
°C
A
0
25
50
75
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-022
125
-25
I
= 20 mA
V
= 12 V
CC
OUT
40
20
0
-20
-40
RELEASE POINT
OPERATE POINT
0
25
50
75
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-023
125
-25
V
= 12 V
CC
B
≤ B
RP
6.0
5.0
4.0
3.0
B
≥ B
OP
0
25
50
75
100
200
100
AMBIENT TEMPERATURE IN
°C
175
150
125
-50
Dwg. GH-024
125
-25
I
= 20 mA
OUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com