Electronic Components Datasheet Search
  English  ▼

X  

3195 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3195
Description  PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3195 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3195 Datasheet HTML 1Page - Allegro MicroSystems 3195 Datasheet HTML 2Page - Allegro MicroSystems 3195 Datasheet HTML 3Page - Allegro MicroSystems 3195 Datasheet HTML 4Page - Allegro MicroSystems 3195 Datasheet HTML 5Page - Allegro MicroSystems 3195 Datasheet HTML 6Page - Allegro MicroSystems 3195 Datasheet HTML 7Page - Allegro MicroSystems 3195 Datasheet HTML 8Page - Allegro MicroSystems 3195 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
3195
PROTECTED, HIGH-TEMP.,
ACTIVE PULL-DOWN
HALL-EFFECT LATCH
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
REG.
OUTPUT
3
GROUND
2
X
Dwg. FH-013
VCC
1
CURRENT
LIMIT
15k
Ω
OVERVOLT.
LOCKOUT
26 V
MAX
0+B
0
FLUX DENSITY
Dwg. GH-034-3
-B
RP
B
VOUT(L)
VOUT(H)
OP
B
TRANSFER CHARACTERISTICS
600
400
200
40
80
120
160
0
AMBIENT TEMPERATURE IN
°C
Dwg. GH-054A
"U" PACKAGE
RθJA = 183
°C/W
"LT" PACKAGE
RθJA = 258
°C/W
60
100
140
180
700
500
300
100
20
800
W
Copyright © 1995, 1997, Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com