Electronic Components Datasheet Search
  English  ▼

X  

3195 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3195
Description  PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3195 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3195 Datasheet HTML 1Page - Allegro MicroSystems 3195 Datasheet HTML 2Page - Allegro MicroSystems 3195 Datasheet HTML 3Page - Allegro MicroSystems 3195 Datasheet HTML 4Page - Allegro MicroSystems 3195 Datasheet HTML 5Page - Allegro MicroSystems 3195 Datasheet HTML 6Page - Allegro MicroSystems 3195 Datasheet HTML 7Page - Allegro MicroSystems 3195 Datasheet HTML 8Page - Allegro MicroSystems 3195 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3195
PROTECTED, HIGH-TEMP.,
ACTIVE PULL-DOWN
HALL-EFFECT LATCH
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
TYPICAL OPERATING CHARACTERISTICS
025
50
75
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-004-1
125
-25
20
0
-20
-40
-60
OUTPUT LOW,
(SINKING CURRENT)
B
≥ B
OP
OUTPUT HIGH,
(SOURCING CURRENT)
B
≤ B
RP
150
CC
V
= 16 V
025
50
75
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-052-1
125
-25
200
100
0
-100
-200
RELEASE POINT
OPERATE POINT
150
CC
V
= 3.8 V–26 V
9.0
8.0
7.0
6.0
5.0
0
25
5075100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-028-2
125
-25
V
= 26 V
CC
150
V
= 12 V
CC
V
= 3.8 V
CC
OUTPUT HIGH, B
≥ B
OP
OUTPUT LOW, B
≤ B
RP
025
50
75
100
Vcc
0
AMBIENT TEMPERATURE IN
°C
Vcc - 1
0.4
-50
Dwg. GH-040-2
150
-25
125
Vcc - 2
0.2
OUTPUT LOW,
(SINKING CURRENT)
B
≥ B
OP
OUTPUT HIGH,
(SOURCING CURRENT)
B
≤ B
CC
V
= 16 V
I
= 5 mA
OUT
I
≤ 100 µA
OUT
I
= -20 mA
RP
OUT
TYPICAL OPERATING CHARACTERISTICS
Output Current Limit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com