Electronic Components Datasheet Search
  English  ▼

X  

3197 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3197
Description  PROTECTED, HIGH-TEMPERATURE, OPEN-COLLECTOR HALL-EFFECT LATCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3197 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3197 Datasheet HTML 1Page - Allegro MicroSystems 3197 Datasheet HTML 2Page - Allegro MicroSystems 3197 Datasheet HTML 3Page - Allegro MicroSystems 3197 Datasheet HTML 4Page - Allegro MicroSystems 3197 Datasheet HTML 5Page - Allegro MicroSystems 3197 Datasheet HTML 6Page - Allegro MicroSystems 3197 Datasheet HTML 7Page - Allegro MicroSystems 3197 Datasheet HTML 8Page - Allegro MicroSystems 3197 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Always order by complete part number, e.g., A3197LU .
3197
PROTECTED, HIGH-TEMPERATURE,
OPEN-COLLECTOR HALL-EFFECT LATCH
These open-collector Hall-effect latches are capable of sensing magnetic
fields while using an unprotected power supply. The A3197LLT and A3197LU
can provide position and speed information by providing a digital output for
magnetic fields that exceed their predefined switch points. These devices
operate down to zero speed and have switch points that are designed to be
extremely stable over a wide operating temperature and voltage range. The
latching characteristics make them ideal for use in pulse counting applications
when used with a multi-pole ring magnet. Thermal and output short-circuit
protection allow an increased wiring harness fault tolerance. The temperature
compensated switch points, the wide operating voltage range, and the integrated
protection make these devices ideal for use in automotive applications such as
transmission speed sensors and integrated wheel bearing speed sensors.
Each monolithic device contains an integrated Hall-effect transducer, a
temperature-compensated comparator, a voltage regulator, and a buffered 35 mA
output sink stage. Supply protection is made possible by the integration of
overvoltage and undervoltage shutdown circuitry that monitor supply fault
conditions and shut down the IC. Noise shutdown circuitry (patent applied for)
prevents the propagation of supply transients to the logic load. Output protec-
tion circuitry includes a current limit loop that limits the maximum output sink
current, and thermal protection circuitry that shuts down the device during an
over-heating condition such as with a shorted load.
The A3197LLT and A3197LU are rated for operation over an extended
temperature range of -40
°C to +150°C. They are supplied in a three-lead SIP
(suffix ‘U’) or a surface-mount SOT-89 (suffix ‘LT’).
FEATURES
I Internal Protection For Automotive (ISO/DIN) Transients
I Operation From Unregulated Supply
I Reverse Battery Protection
I Undervoltage Lockout
I Supply Noise-Suppression Circuitry
I Output Short-Circuit Protection
I Output Zener Clamp
I Thermal Protection
I Symmetrical Latching Switch Points
I Operable with Multipole Ring Magnets
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC
(100 ms) ................................... 115 V*
(continuous) ............................... 28 V*
Reverse Battery Voltage, VRCC
(100 ms) ................................... -100 V
(continuous) ............................... -35 V
Magnetic Flux Density, B .......... Unlimited
Output OFF Voltage, VOUT ................. 26 V
Reverse Output Voltage VOUT ......... -0.5 V
Continuous Output Current,
IOUT .......................................... 35 mA*
Reverse Output Current,
IOUT ........................................ -100 mA
Package Power Dissipation,
PD ....................................... See Graph
Junction Temperature, TJ ................. 170
°C
Operating Temperature Range,
TA .......................................... -40
°C to +150°C
Storage Temperature, TS .................. 170
°C
*Fault condition, internal overvoltage shutdown
above 28 V; output current limited above 35 mA.
Dwg. PH-003-2
1
V
CC
3
2
PTCT


Similar Part No. - 3197

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3197 ASM-SENSOR-3197 Datasheet
5Mb / 6P
POWER QUALITY ANALYZER
logo
Allegro MicroSystems
3197 ALLEGRO-3197 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
3197 ETC2-3197 Datasheet
68Kb / 1P
WASHERS
logo
Adafruit Industries
3197 ADAFRUIT-3197 Datasheet
504Kb / 2P
Stickvise PCB Vise
logo
Keystone Electronics Co...
3197 KEYSTONE-3197 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results

Similar Description - 3197

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3195 ALLEGRO-3195 Datasheet
89Kb / 10P
PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
logo
Anachip Corp
AH175 ANACHIP-AH175 Datasheet
162Kb / 6P
Hall Effect Latch For High Temperature
Rev. 0.7 May 7, 2004
AH174 ANACHIP-AH174 Datasheet
179Kb / 6P
Inverted Output Hall Effect Latch For High Temperature
Rev. 0.7 May 7, 2004
logo
Allegro MicroSystems
3195 ALLEGRO-3195_02 Datasheet
126Kb / 10P
PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
logo
Diodes Incorporated
AH175 DIODES-AH175 Datasheet
118Kb / 8P
HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175 Rev. 4
logo
LANSDALE Semiconductor ...
ML4335 LANSDALE-ML4335 Datasheet
2Mb / 4P
Quad Latch (Open Collector)
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
Hall Effect Latch for High Temperature Operation
logo
Diodes Incorporated
AH175 DIODES-AH175_10 Datasheet
166Kb / 9P
HALL EFFECT LATCH FOR HIGH TEMPERATURE
Rev ersal
logo
First Components Intern...
FH175 FCI-FH175 Datasheet
298Kb / 6P
25mA FH175 Bipolar Hall Effect Latch Sensor Open collector pre-driver
logo
Nanjing Ouzhuo Technolo...
OH413 OHHALLSENSOR-OH413 Datasheet
142Kb / 2P
Hall Effect Latch IC For High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com