Electronic Components Datasheet Search
  English  ▼

X  

3197 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3197
Description  PROTECTED, HIGH-TEMPERATURE, OPEN-COLLECTOR HALL-EFFECT LATCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3197 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3197 Datasheet HTML 1Page - Allegro MicroSystems 3197 Datasheet HTML 2Page - Allegro MicroSystems 3197 Datasheet HTML 3Page - Allegro MicroSystems 3197 Datasheet HTML 4Page - Allegro MicroSystems 3197 Datasheet HTML 5Page - Allegro MicroSystems 3197 Datasheet HTML 6Page - Allegro MicroSystems 3197 Datasheet HTML 7Page - Allegro MicroSystems 3197 Datasheet HTML 8Page - Allegro MicroSystems 3197 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3197
PROTECTED, HIGH-TEMP.,
OPEN-COLLECTOR
HALL-EFFECT LATCH
www.allegromicro.com
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operate Point
BOP
TA = -40
°C
60
130
200
G
TA = +25
°C
50
110
160
G
TA = +150
°C
40
105
150
G
Release Point
BRP
TA = -40
°C
-200
-140
-60
G
TA = +25
°C
-160
-120
-50
G
TA = +150
°C
-150
-100
-40
G
Hysteresis
Bhys
TA = -40
°C
150
270
—
G
(BOP - BRP)TA = +25
°C
130
230
—
G
TA = +150
°C
110
205
—
G
ELECTRICAL CHARACTERISTICS
over operating voltage and temperature range (unless otherwise specified).
MAGNETIC CHARACTERISTICS over operating voltage range (unless otherwise specified).
NOTES: BOP = magnetic operate point (output turns ON); BRP = magnetic release point (output turns OFF).
As used here, negative flux densities are defined as less than zero (algebraic convention).
Typical values are at TA = +25°C and VCC = 12 V (unless otherwise specified).
* Fault condition. Device is shut down and operation is not possible.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
Operating (but VCC x ICC vs TA limited)
VCC(UV)
12
26
V
Overvoltage Shutdown*
VCC(OV)
B > BOP
28
—
55
V
Undervoltage Shutdown*
VCC(UV)
B > BOP
3.7
—
4.5
V
Output Voltage, On
VOUT(SAT)
B > BOP, IOUT = 30 mA, VCC = 16 V
—
0.2
0.5
V
Output Leakage Current
IOFF
VOUT = 26 V
—
—
5.0
µA
Output Clamp Voltage
VOUT(CLMP)
B < BRP, VCC = 115 V*, IOUT = 0
28
32
40
V
Output Current Limit
IOUTMAX
B > BOP, VOUT = 12 V
355070
mA
Supply Current
ICC
B < BRP, VCC = 24 V, IOUT = 0
—
5.2
9.0
mA
B > BOP, VCC = 24 V, IOUT = 20 mA
—
7.8
12
mA
VCC = +115 V*
—
8.0
17
mA
Reverse Battery Current*
IRCC
VRCC = -35 V*
—
-0.5
-5.0
mA
VRCC = -100 V*
—
-2.0
-10
mA
Output Rise Time
tr
CL = 20 pF, RL = 330
Ω, VBB = 12 V
—
0.05
2.0
µs
Output Fall Time
tf
CL = 20 pF, RL = 330
Ω, VBB = 12 V
—
0.30
5.0
µs
Thermal Shutdown Temp.*
TJ
165
—
190
°C
Package Thermal Resist.
RθJA
“LT” Package
—
258
—
°C/W
“U” Package
—
183
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com