Electronic Components Datasheet Search
  English  ▼

X  

THS50 Datasheet(PDF) 1 Page - Tyco Electronics

Part # THS50
Description  Aluminium Housed Power Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

THS50 Datasheet(HTML) 1 Page - Tyco Electronics

  THS50 Datasheet HTML 1Page - Tyco Electronics THS50 Datasheet HTML 2Page - Tyco Electronics THS50 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type THS Series
Tyco are the leading European
supplier of standard and custom
designed
aluminium
housed
resistors for general-purpose use,
power supplies, power generation
and the traction industry.
The THS is a range of extremely
stable, high quality wire wound
resistors capable of dissipating
high power in a limited space with
relatively low surface temperature.
The power is rapidly dissipated
as heat through the aluminium
housing to a specified heatsink.
The resistors are made from quality
materials for optimum reliability and
stability. Tyco can test resistors to
conform to relevant international,
MIL or customer specifications.
Key Features
■ Established product
with proven reliability
• Leading the way with
over 50 years of
design and
manufacturing
experience
■ 10 Watts to 75 Watts
■ Versatile product
• Bench mark in
every industry
Applications
■ Braking Resistor
■ Balancing Resistor
■ Capacitor Charging
& Discharging
■ Crowbar
■ Filter
■ Electrical Machinery
general use
■ Available through
Distribution
Characteristics -
Electrical
Long Term Stability:
For improvements in long-term stability, resistors must be derated as
follows; for 50% of stated ΔR maximum dissipation must not exceed
70% of rating; for 25% of stated ΔR maximum, dissipation must not
exceed 50% of rating
Insulation Resistance:
Dry: 10,000MΩ minimum. After moisture test: 1000MΩ minimum.
Heat Dissipation:
Although the use of proprietary heat sinks with lower thermal
resistance is acceptable, up rating is not recommended.
The use of proprietary heat sink compound to improve thermal
conductivity is recommended for optimum performance of all sizes
Specification:
Temperature coefficient below 100R, 50ppm/°C
Temperature coefficient above 100R, 30ppm/°C
Tolerance, 5% standard
Characteristics - Electrical
THS - 10 Watts to 75 Watts
THS10
THS15
THS25
THS50
THS75
Dissipation @ 25°C with Heatsink (Watts):
10
15
25
50
75
Without Heatsink:
5.5
8
12.5
20
40
Ohmic Value Min (Ohms):
R01
R01
R01
R01
R05
Max:
10K
15K
36K
50K
50K
Max. Working Voltage (DC or ACrms) Volts:
160
265
550
1250
1400
Dielectric Strength (AC Peak) Volts:
1400
1400
2500
2500
5000
Stability (% resistance change, 1000 hours) (%): 1
1
112
Standard Heatsink - Area (mm
2):
41500
41500
53500
53500
99500
Thickness (mm):
1
1
113
Number of Mounting Holes:
2 hole
2 hole
2 hole
2 hole
4 hole
Product Specifications -
THS10 - THS75
L
5.0
Type
L
THS10, 15
7
THS25, 50
10
THS75
8
M
L
H
Dimensions -
THS10 - THS50
2 x Mounting Hole
THS10 - 2.4mm
THS15 - 2.4mm
THS25 - 3.3mm
THS50 - 3.3mm
Type
H±0.3
J±0.3
L Max
M Max
N Max
P Max
R Min
T±0.5
U Max
THS10
11.3
12.4
17.0
30.0
17.0
9.0
1.9
3.4
2.5
THS15
14.3
15.9
21.0
36.5
21.0
11.0
1.9
5.2
3.2
THS25
18.3
19.8
29.0
51.8
28.0
15.0
2.8
7.2
3.2
THS50
39.7
21.4
51.0
72.5
30.0
17.0
2.8
7.9
3.2
Literature No. 1773277
Issued: 03-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
Aluminium Housed Power Resistors
Type THS Series


Similar Part No. - THS50

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
THS50680RJ MACOM-THS50680RJ Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
THS50680RJ MACOM-THS50680RJ Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
THS50680RJ MACOM-THS50680RJ Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
More results

Similar Description - THS50

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WH5 WELWYN-WH5 Datasheet
71Kb / 3P
Aluminium Housed Wirewound Resistors
WH5 WELWYN-WH5 Datasheet
862Kb / 4P
Aluminium Housed Wirewound Resistors
WH5 WELWYN-WH5_12 Datasheet
2Mb / 4P
Aluminium Housed Wirewound Resistors
logo
Tyco Electronics
3-1630019-6 MACOM-3-1630019-6 Datasheet
175Kb / 4P
Aluminium Housed Power Resistors
THS10270RJ MACOM-THS10270RJ Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
THS25R82J MACOM-THS25R82J Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
THS25R01J MACOM-THS25R01J Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
logo
TE Connectivity Ltd
HSA50 TEC-HSA50 Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
logo
Ohmite Mfg. Co.
HS10 OHMITE-HS10 Datasheet
352Kb / 2P
HS Aluminium Housed Resistors
logo
TE Connectivity Ltd
1773035 TEC-1773035 Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com