Electronic Components Datasheet Search
  English  ▼

X  

THS50 Datasheet(PDF) 3 Page - Tyco Electronics

Part # THS50
Description  Aluminium Housed Power Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

THS50 Datasheet(HTML) 3 Page - Tyco Electronics

  THS50 Datasheet HTML 1Page - Tyco Electronics THS50 Datasheet HTML 2Page - Tyco Electronics THS50 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Literature No. 1773277
Issued: 03-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
Aluminium Housed Power Resistors
Type THS Series
How to Order
THS
50
680R
J
Common Part
10 Watt = THS10
15 Watt = THS15
25 Watt = THS25
50 Watt = THS50
75 Watt = THS75
Power Rating
0.1ohm
(100 mille ohms)
R10
1ohm
(1000 mille ohms)
1R0
1K
(1000 ohms)
1KO
Resistance Value
Tolerance
THS- Standard
NTHS - Low
Inductance
J - 5%
Power Overload
0.1 1
2
3
4
5
6
7
8
9 10 11 12 13 14 20 25 30 40 60
30
25
20
15
10
5
0
Duration of Overload (secs)
This graph indicates the amount that the rated power (at 20°C) of the
standard HS Series resistor may be increased for overloads of 100mS to 60S
0 20
60
100
150
200
250
300
200
100
0
Power Dissipation (Watts)
For resistor mounted on standard heatsink, related to power dissipation
THS10
THS15
THS50
THS25
Surface Temperature Rise
THS75



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com