Electronic Components Datasheet Search
  English  ▼

X  

3260 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # 3260
Description  2-WIRE, CHOPPER-STABILIZED, PRECISION HALL-EFFECT BIPOLAR SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3260 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button 3260 Datasheet HTML 4Page - Allegro MicroSystems 3260 Datasheet HTML 5Page - Allegro MicroSystems 3260 Datasheet HTML 6Page - Allegro MicroSystems 3260 Datasheet HTML 7Page - Allegro MicroSystems 3260 Datasheet HTML 8Page - Allegro MicroSystems 3260 Datasheet HTML 9Page - Allegro MicroSystems 3260 Datasheet HTML 10Page - Allegro MicroSystems 3260 Datasheet HTML 11Page - Allegro MicroSystems 3260 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3260
2-WIRE, CHOPPER-STABILIZED,
PRECISION HALL-EFFECT
BIPOLAR SWITCH
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
8
PACKAGE DESIGNATOR 'LH'
(fits SC-74A solder-pad layout)
Dwg. MA-010-3B mm
12
0.15
0.00
0.20
0.127
3.10
2.90
2.10
1.85
3.00
2.70
0.95
BSC
0.55
REF
0.50
0.30
3
0
° TO 8°
0.25 MIN
1.10
0.90
1.25
0.90
NOTES: 1. Tolerances on package height and width represent allowable mold offsets. Dimensions given are measured at the widest point (parting line).
2. Exact body and lead configuration at vendor’s option within limits shown.
3. Height does not include mold gate flash.
4. Where no tolerance is specified, dimension is nominal.
Dwg. MA-011-3 mm
12
1.00
2.40
0.95
0.70
3
Dwg. MA-010-3B in
12
0.006
0.000
0.0079
0.0050
0.122
0.114
0.083
0.073
0.118
0.106
0.037
BSC
0.022
REF
0.020
0.012
3
0
° TO 8°
0.020 MIN
0.043
0.035
0.049
0.035
Dwg. MA-011-3 in
12
0.039
0.094
0.037
0.028
3
Dimensions in Inches
(for reference only)
Dimensions in Millimeters
(controlling dimensions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com