Electronic Components Datasheet Search
  English  ▼

X  

3260 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3260
Description  2-WIRE, CHOPPER-STABILIZED, PRECISION HALL-EFFECT BIPOLAR SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3260 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3260 Datasheet HTML 1Page - Allegro MicroSystems 3260 Datasheet HTML 2Page - Allegro MicroSystems 3260 Datasheet HTML 3Page - Allegro MicroSystems 3260 Datasheet HTML 4Page - Allegro MicroSystems 3260 Datasheet HTML 5Page - Allegro MicroSystems 3260 Datasheet HTML 6Page - Allegro MicroSystems 3260 Datasheet HTML 7Page - Allegro MicroSystems 3260 Datasheet HTML 8Page - Allegro MicroSystems 3260 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The A3260-- Hall-effect bipolar switch is an extremely
temperature-stable and stress-resistant sensor especially suited for
operation over extended temperature ranges to +150
°C. Superior
high-temperature performance is made possible through dynamic
offset cancellation, which reduces the residual offset voltage normally
caused by device overmolding, temperature dependencies, and thermal
stress.
The device includes on a single silicon chip a voltage regulator,
Hall-voltage generator, small-signal amplifier, chopper stabilization,
Schmitt trigger, and a constant-current open-collector output. A south
pole of sufficient strength will turn the output OFF. An on-board
regulator permits operation with supply voltages of 3.5 to 24 volts.
Noise radiation is limited by control of the output current slew rate.
The first character of the part number suffix determines the device
operating temperature range; suffix ‘E–’ is -40
°C to +85°C and ‘L–’ is
-40
°C to +150°C. Three package styles provide a magnetically opti-
mized package for most applications. Suffix ‘–LH’ is a miniature low-
profile surface-mount package, ‘–LT’ is a miniature SOT-89/TO-
243AA transistor package for surface-mount applications; while suffix
‘–UA’ is a three-lead ultra-mini-SIP for through-hole mounting.
FEATURES
I Internal Current Regulator for 2-Wire Operation
I Output Slew Rate Controlled
I Resistant to Physical Stress
I Superior Temperature Stability
I Operation From Unregulated Supply
I Reverse Battery Protection
I Solid-State Reliability
I Small Size
Always order by complete part number: the prefix 'A' + the basic four-digit
part number + a suffix to indicate operating temperature range +
a suffix to indicate package style, e.g., A3260ELH .
3260
2-WIRE, CHOPPER-STABILIZED,
PRECISION HALL-EFFECT BIPOLAR SWITCH
Suffix Code 'LH' Pinning
Supply Voltage, VCC ........................... 27 V
Reverse Battery Voltage, VRCC .......... -16 V
Magnetic Flux Density, B ........... Unlimited
Package Power Dissipation, PD . See Graph
Junction Temperature, TJ ............... +170
°C
Operating Temperature Range, TA
Suffix ‘E–’ .................. -40
°C to +85°C
Suffix ‘L–’ ................ -40
°C to +150°C
Storage Temperature Range,
TS .............................. -65
°C to +170°C
ABSOLUTE MAXIMUM RATINGS
at TA=+25°C
ADVANCE INFORMATION
(subject to change without notice)
June 30, 2000
NC
12
3
Dwg. PH-003-5
Pinning is shown viewed from branded side.


Similar Part No. - 3260

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3260 BOURNS-3260 Datasheet
108Kb / 1P
1/4 ??Square Trimpot Trimming Potentiometer
logo
Allegro MicroSystems
3260 ALLEGRO-3260 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
3260 ETC-3260 Datasheet
103Kb / 1P
Heyco-Flex?줞ounting Brackets
logo
Heyco.
3260 HEYCO-3260 Datasheet
102Kb / 1P
Heyco-Flex™Mounting Brackets
3260 HEYCO-3260 Datasheet
137Kb / 1P
Snub Bushings
More results

Similar Description - 3260

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3240 ALLEGRO-3240 Datasheet
204Kb / 10P
CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
3361 ALLEGRO-3361 Datasheet
193Kb / 12P
2-WIRE, CHOPPER-STABILIZED, HALL-EFFECT SWITCHES
August 28, 2000
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A3230 ALLEGRO-A3230 Datasheet
478Kb / 12P
Chopper-Stabilized Hall-Effect Bipolar Switch
A3230 ALLEGRO-A3230_06 Datasheet
362Kb / 12P
Chopper-Stabilized Hall-Effect Bipolar Switch
A3260 ALLEGRO-A3260_06 Datasheet
228Kb / 10P
2-Wire Chopper Stabilized Precision Hall Effect Bipolar Switch
April 27, 2007
A3340 ALLEGRO-A3340 Datasheet
262Kb / 9P
Chopper-Stabilized, Precision Hall-Effect Switch
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
Chopper Stabilized Precision Hall Effect Switches
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
Chopper Stabilized, Precision Hall Effect Switch
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
Chopper-Stabilized, Precision Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com