Electronic Components Datasheet Search
  English  ▼

X  

3280 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # 3280
Description  CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3280 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button 3280 Datasheet HTML 2Page - Allegro MicroSystems 3280 Datasheet HTML 3Page - Allegro MicroSystems 3280 Datasheet HTML 4Page - Allegro MicroSystems 3280 Datasheet HTML 5Page - Allegro MicroSystems 3280 Datasheet HTML 6Page - Allegro MicroSystems 3280 Datasheet HTML 7Page - Allegro MicroSystems 3280 Datasheet HTML 8Page - Allegro MicroSystems 3280 Datasheet HTML 9Page - Allegro MicroSystems 3280 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3280, 3281, AND 3283
CHOPPER-STABILIZED,
PRECISION
HALL-EFFECT LATCHES
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
6
SENSOR LOCATIONS
(
±0.005" [0.13 mm] die placement)
Package Designator ‘LH’
Package Designators ‘UA’ and ‘UA-TL’
0.038"
0.96 mm
1
2
Dwg. MH-025
0.011"
0.28 mm
NOM
ACTIVE AREA DEPTH
0.059"
1.49 mm
A
3
Package Designator ‘LT’
Although sensor location is accurate to three sigma for a
particular design, product improvements may result in small
changes to sensor location.
TYPICAL OPERATING CHARACTERISTICS
as a function of supply voltage (cont’d)
4.0
4.5
5.0
SUPPLY VOLTAGE IN VOLTS
3.0
Dwg. GH-055-1
3.5
24
TA = 150
°C
TA = +25
°C
TA = -40
°C
IOUT = 20 mA
250
150
200
225
175
4.0
6.0
9.0
SUPPLY VOLTAGE IN VOLTS
3.0
Dwg. GH-058-4
5.0
12
TA = 150
°C
TA = +25
°C
TA = -40
°C
7.0
5.0
3.0
1.0
6.0
4.0
2.0
8.0
0
OUTPUT ON
10
11
8.0
7.0
SUPPLY CURRENT
OUTPUT SATURATION VOLTAGE
0.045"
1.14 mm
1
3
2
Dwg. MH-008-8
0.030"
0.76 mm
NOM
ACTIVE AREA DEPTH
0.088"
2.24 mm
A
1
3
2
Dwg. MH-011-9A
0.018"
0.46 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.080"
2.04 mm
0.056"
1.44 mm
A
Allegro



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com