Electronic Components Datasheet Search
  English  ▼

X  

3280 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # 3280
Description  CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3280 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button 3280 Datasheet HTML 3Page - Allegro MicroSystems 3280 Datasheet HTML 4Page - Allegro MicroSystems 3280 Datasheet HTML 5Page - Allegro MicroSystems 3280 Datasheet HTML 6Page - Allegro MicroSystems 3280 Datasheet HTML 7Page - Allegro MicroSystems 3280 Datasheet HTML 8Page - Allegro MicroSystems 3280 Datasheet HTML 9Page - Allegro MicroSystems 3280 Datasheet HTML 10Page - Allegro MicroSystems 3280 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3280, 3281, AND 3283
CHOPPER-STABILIZED,
PRECISION
HALL-EFFECT LATCHES
www.allegromicro.com
7
All Allegro sensors are subjected to stringent qualification requirements prior to being released to production.
To become qualified, except for the destructive ESD tests, no failures are permitted.
CRITERIA FOR DEVICE QUALIFICATION
Qualification Test
Test Method and Test Conditions
Test Length
Samples
Comments
Biased Humidity (HAST)
TA = 130°C, RH = 85%
50 hrs
77
VCC = VOUT = 5 V
High-Temperature
JESD22-A108,
408 hrs
77
VCC = 24 V,
Operating Life (HTOL)
TA = 150
°C, TJ ≤ 170°CVOUT = 20 V
Accelerated HTOL
TA = 175
°C, TJ ≤ 190°C
504 hrs
77
VCC = 24 V,
VOUT = 20 V
Autoclave, Unbiased
JESD22-A102, Condition C,
96 hrs
77
TA = 121°C, 15 psig
High-Temperature
MIL-STD-883, Method 1008,
1000 hrs
77
(Bake) Storage Life
TA = 170°C
Temperature Cycle
MIL-STD-883, Method 1010,
500 cycles
77
-65
°C to +150°C
Latch-Up
—
Pre/Post
6
Reading
Electro-Thermally
—
Pre/Post
6
Induced Gate Leakage
Reading
ESD,
CDF-AEC-Q100-002
Pre/Post
3 per
Test to failure,
Human Body Model
Reading
test
All leads > 1500 V
ESD,
JESD22-A115
Pre/Post
3 per
Test to failure,
Macine Model
Reading
test
All leads > 200 V
Electrical Distributions
Per Specification
—
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com