Electronic Components Datasheet Search
  English  ▼

X  

3845 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3845
Description  AM NOISE BLANKER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3845 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3845 Datasheet HTML 1Page - Allegro MicroSystems 3845 Datasheet HTML 2Page - Allegro MicroSystems 3845 Datasheet HTML 3Page - Allegro MicroSystems 3845 Datasheet HTML 4Page - Allegro MicroSystems 3845 Datasheet HTML 5Page - Allegro MicroSystems 3845 Datasheet HTML 6Page - Allegro MicroSystems 3845 Datasheet HTML 7Page - Allegro MicroSystems 3845 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3845
AM NOISE BLANKER
www.allegromicro.com
Limits
Characteristic
Leads
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage Range
20
Operating
7.5
9.0
12
V
Quiescent Supply Current
20
VRF = 0
—
15
22
mA
RF INPUT AMPLIFIER:
Trigger Threshold
1
Noise Pulse Amplitude for VRF = 0
45
100
240
µV
Modulation Threshold
1
Noise Pulse Modulation for VRF = 1 mV
35
75
220
%
Detector Rise Time
13
C13 = 0
—
500
—
ns
RF SWITCH:
ON Resistance
17-18
—
30
100
Ω
OFF Resistance
17-18
—
100
—
k
Ω
Time Delay
1-17
From Beginning of RF Pulse
—
1.5
5.0
µs
to Beginning of RF Blanking
AUDIO SWITCHES:
Attenuation
10-9, 11-12
55
80
_
dB
Noise
9, 12
—
1.5
12
mVpp
Crosstalk
9, 12
40
60
—
dB
Gain
10-9, 11-12
-1.2
-0.3
0
dB
Total Harmonic Distortion
9, 12
Vaf =700 mV, Vnoise = 0
—
<0.1
1.0
%
Input Impedance
10, 11
—
100
—
k
Ω
Output Impedance
9, 12
—
1.0
—
k
Ω
BLANKING TIMERS:
RF Blanking
17
R15 = 350 k
Ω
35
60
75
µs
Audio Delay
9
R5 = 350 k
Ω
30
55
67
µs
Audio Blanking
9
R6 = 110 k
Ω, C8 = 0.0012 µF
210
250
400
µs
ELECTRICAL CHARACTERISTICS over operating temperature range, at VCC = 7.5 V to
11 V, frf = 1 MHz, Noise (fnoise) = 500 Hz Square Wave, faf = 1 kHz, Test Figure.
Test



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com