Electronic Components Datasheet Search
  English  ▼

X  

3845 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3845
Description  AM NOISE BLANKER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3845 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3845 Datasheet HTML 1Page - Allegro MicroSystems 3845 Datasheet HTML 2Page - Allegro MicroSystems 3845 Datasheet HTML 3Page - Allegro MicroSystems 3845 Datasheet HTML 4Page - Allegro MicroSystems 3845 Datasheet HTML 5Page - Allegro MicroSystems 3845 Datasheet HTML 6Page - Allegro MicroSystems 3845 Datasheet HTML 7Page - Allegro MicroSystems 3845 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3845
AM NOISE BLANKER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
CIRCUIT DESCRIPTION
Previous attempts at suppression of impulse
noise in AM receivers have used a variety of
approaches ranging from gating the signal OFF at
the antenna to simply clipping (limiting) any
signal that was larger than the average modula-
tion. Unfortunately, the former can generate as
much noise as it removes while the latter only
reduces the level of noise impulses and does not
remove them.
A major problem in attempting to suppress
impulse noise in an AM receiver can best be
described by looking at the shape of a noise pulse
as it passes through a typical tuner as shown in
the Figure. Here, a typical 0.5
µs pulse is applied
to the antenna input. The resulting waveforms are
essentially the impulse response of the different
selectivity sections as limited only by the dy-
namic range of the individual sections. Note that
the signal remains quite narrow until the IF filter
is reached. Because of the relatively narrow
bandwidth of the IF filter, the limiting of the IF
amplifier, and the filtering effect of the detector,
the audio output resulting from the impulse is
much wider than the original input pulse and is
therefore much more objectionable.
One blanking scheme currently in use senses
the noise pulse in the IF amplifier and blanks the
audio output. This results in a long blanking time
and poor performance at the higher frequencies
where a short blanking time is needed most.
The A3845xLW takes a different approach to
the noise suppression problem by sensing the
noise pulse in the receiver’s RF section and
blanking the pulse before it reaches the IF. This
requires a noise amplifier with a minimum
propagation delay and high-speed gating.
Blanking the noise pulse in this way is very
effective, but some of the interference can still
reach the audio output due to the loss of carrier
during the blanking interval. For this purpose, an
additional delay, blanking interval, and audio
gates are included to further suppress any residual
signal. The result is almost 100% suppression of
QUIESCENT DC VOLTAGES
(for circuit design information only)
impulse noise including that from ignition systems and from sources produc-
ing interference at a power line rate such as light dimmers and fluorescent
lamps.
Referring to the Functional Block Diagram, the RF input stage is a
differential amplifier, so that the input impedance is high. The triggering
threshold at the RF amplifier input is about 15
µV at 1 MHz. This means that
a pulsed RF input signal of 15
µV will exceed the threshold and trigger the
blanker. The external capacitor at the dV/dt detector circuit (C13) is selected
so that audio signals do not cause triggering. At high input levels, the
threshold is internally set so that an RF burst of 50% modulation triggers the
blanker. A resistor in parallel with C15 will increase the detection threshold
level.
The RF-switching MOSFET (leads 17-18) is controlled by the RF one-
shot whose gate time is determined by the value of R15.
RF Gate Time (
µs) = 171 x 10-12 x R
15
Lead Number
Function
DC Voltage
1
RF In
3.1
2
RF Bypass
3.1
3
RFBias
3.1
4
RF AGC
0.9
5
Audio Delay
4.8
6
Audio Blank Time (R)
4.8
7
No Connection
0
8
Audio BlankTime (C)
4.8
9
Audio Out1
4.75
10
Audio In1
4.0
11
Audio In2
4.75
12
Audio Out2
4.0
13
Noise Differentiator
4.9
14
No Connection
0
15
RF Blank Time
4.8
16
Ground
Reference
17
RF Gate High
—
18
RF Gate Low
—
19
No Connection
0
20
Supply
VCC
Typical



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com