Electronic Components Datasheet Search
  English  ▼

X  

3952 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3952
Description  FULL-BRIDGE PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3952 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3952 Datasheet HTML 1Page - Allegro MicroSystems 3952 Datasheet HTML 2Page - Allegro MicroSystems 3952 Datasheet HTML 3Page - Allegro MicroSystems 3952 Datasheet HTML 4Page - Allegro MicroSystems 3952 Datasheet HTML 5Page - Allegro MicroSystems 3952 Datasheet HTML 6Page - Allegro MicroSystems 3952 Datasheet HTML 7Page - Allegro MicroSystems 3952 Datasheet HTML 8Page - Allegro MicroSystems 3952 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FULL-BRIDGE PWM MOTOR DRIVER
Designed for bidirectional pulse-width modulated current control of
inductive loads, the A3952S– is capable of continuous output currents
to
±2 A and operating voltages to 50 V. Internal fixed off-time PWM
current-control circuitry can be used to regulate the maximum load
current to a desired value. The peak load current limit is set by the
user’s selection of an input reference voltage and external sensing
resistor. The fixed OFF-time pulse duration is set by a user-selected
external RC timing network. Internal circuit protection includes thermal
shutdown with hysteresis, transient suppression diodes, and crossover-
current protection. Special power-up sequencing is not required.
With the ENABLE input held low, the PHASE input controls load
current polarity by selecting the appropriate source and sink driver pair.
The MODE input determines whether the PWM current-control circuitry
operates in a slow current-decay mode (only the selected sink driver
switching) or in a fast current-decay mode (selected source and sink
switching). A user-selectable blanking window prevents false triggering
of the PWM current control circuitry. With the ENABLE input held high,
all output drivers are disabled. A sleep mode is provided to reduce
power consumption when inactive.
When a logic low is applied to the BRAKE input, the braking
function is enabled. This overrides ENABLE and PHASE to turn OFF
both source drivers and turn ON both sink drivers. The brake function
can be safely used to dynamically brake brush dc motors.
The A3952S– is supplied in a choice of four power packages. In all
package styles, the batwing/power tab is at ground potential and needs
no isolation. These devices are also available for operation from -40
°C
to +125
°C. To order, change the suffix from 'S–' to 'K–'.
FEATURES
s
±2 A Continuous Output Current Rating
s
50 V Output Voltage Rating
s
Internal PWM Current Control
s
Fast and Slow Current-Decay Modes
s
Sleep (Low Current Consumption) Mode
s
Internal Transient Suppression Diodes
s
Under-Voltage Lockout
s
Internal Thermal Shutdown Circuitry
s
Crossover-Current Protection
Always order by complete part number:
Part Number
Package
RθJA
RθJT
A3952SB
16-Pin DIP
43
°C/W
6.0
°C/W
A3952SEB
28-Lead PLCC
42
°C/W
6.0
°C/W
A3952SLB
16-Lead SOIC
67
°C/W
6.0
°C/W
A3952SW
12-Pin Power-Tab SIP
36
°C/W
2.0
°C/W
A3952SB
Note that the A3952SB (DIP) and the A3952SLB
(SOIC) are electrically identical and share a
common terminal number assignment.
ABSOLUTE MAXIMUM RATINGS
Load Supply Voltage, V
BB .................. 50 V
Output Current, I
OUT
(t
w ≤ 20 µs) .................................. ±3.5 A
(Continuous) ...............................
±2.0 A
Logic Supply Voltage, V
CC ................. 7.0 V
Logic Input Voltage Range,
V
IN ....................... -0.3 V to VCC + 0.3 V
Sense Voltage, V
SENSE ...................... 1.5 V
Reference Voltage, V
REF .................... 15 V
Package Power Dissipation,
P
D ....................................... See Graph
Operating Temperature Range,
T
A ............................... –20°C to +85°C
Junction Temperature, T
J ............. +150°C*
Storage Temperature Range,
T
S ............................. –55°C to +150°C
Output current rating may be limited by duty cycle,
ambient temperature, heat sinking and/or forced
cooling. Under any set of conditions, do not
exceed the specified current rating or a junction
temperature of +150
°C.
* Fault conditions that produce excessive junction
temperature will activate device thermal shutdown
circuitry. These conditions can be tolerated but
should be avoided.
3952
MODE
GROUND
GROUND
LOGIC
SUPPLY
PHASE
GROUND
GROUND
RC
SENSE
LOAD
SUPPLY
Dwg. PP-056
BRAKE
REF
LOAD
SUPPLY
VCC
OUTB
OUTA
VBB
VBB
LOGIC
ENABLE
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16


Similar Part No. - 3952

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3952 3M-3952 Datasheet
445Kb / 3P
3M??Surface Protection Film 3952
logo
Belden Inc.
3952 BELDEN-3952 Datasheet
492Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
MolexKits
39520-0002 MOLEXKITS-39520-0002 Datasheet
37Kb / 2P
Pluggable PCB Vertical and Right Angle Header and Plug
logo
Molex Electronics Ltd.
39520-0002 MOLEX11-39520-0002 Datasheet
40Kb / 1P
5.00mm Pitch Eurostyle Vertical Plug
logo
MolexKits
39520-0003 MOLEXKITS-39520-0003 Datasheet
37Kb / 2P
Pluggable PCB Vertical and Right Angle Header and Plug
More results

Similar Description - 3952

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3951 ALLEGRO-3951 Datasheet
201Kb / 12P
FULL-BRIDGE PWM MOTOR DRIVER
3953 ALLEGRO-3953 Datasheet
230Kb / 14P
FULL-BRIDGE PWM MOTOR DRIVER
logo
Motorola, Inc
MC34923 MOTOROLA-MC34923 Datasheet
373Kb / 16P
Full-Bridge PWM Motor Driver
logo
Sanken electric
SI-5300 SANKEN-SI-5300 Datasheet
638Kb / 12P
Full-bridge PWM Motor Driver
logo
Allegro MicroSystems
3953 ALLEGRO-3953_05 Datasheet
317Kb / 15P
FULL-BRIDGE PWM MOTOR DRIVER
logo
Freescale Semiconductor...
34923 FREESCALE-34923 Datasheet
378Kb / 16P
Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A4973SB-T ALLEGRO-A4973SB-T Datasheet
287Kb / 11P
Full-Bridge PWM Motor Driver
A4973SLBTR-T ALLEGRO-A4973SLBTR-T Datasheet
286Kb / 11P
Full-Bridge PWM Motor Driver
A4973 ALLEGRO-A4973_16 Datasheet
286Kb / 11P
Full-Bridge PWM Motor Driver
A3953 ALLEGRO-A3953 Datasheet
488Kb / 12P
Full-Bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com