Electronic Components Datasheet Search
  English  ▼

X  

3952 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3952
Description  FULL-BRIDGE PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3952 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3952 Datasheet HTML 1Page - Allegro MicroSystems 3952 Datasheet HTML 2Page - Allegro MicroSystems 3952 Datasheet HTML 3Page - Allegro MicroSystems 3952 Datasheet HTML 4Page - Allegro MicroSystems 3952 Datasheet HTML 5Page - Allegro MicroSystems 3952 Datasheet HTML 6Page - Allegro MicroSystems 3952 Datasheet HTML 7Page - Allegro MicroSystems 3952 Datasheet HTML 8Page - Allegro MicroSystems 3952 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
3952
FULL-BRIDGE
PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Control Logic
Logic Supply Voltage Range
V
CC
Operating
4.5
5.0
5.5
V
Logic Input Voltage
V
IN(1)
2.0
––
V
V
IN(0)
––
0.8
V
Logic Input Current
I
IN(1)
V
IN = 2.0 V
–
<1.0
20
µA
I
IN(0)
V
IN = 0.8 V
–
<-2.0
-200
µA
Reference Voltage Range
V
REF
Operating
0
–
15
V
Reference Input Current
I
REF
V
REF = 2.0 V
25
40
55
µA
Reference Voltage Divider Ratio
–
V
REF = 15 V
9.5
10.0
10.5
–
Comparator Input Offset Voltage
V
IO
V
REF = 0 V
–
±1.0
±10
mV
PWM RC Fixed OFF Time
t
off
C
T = 1000 pF, RT = 20 kΩ
18
20
22
µs
PWM Minimum ON Time
t
on(min)
C
T = 820 pF, RT ≥ 12 kΩ
–
1.7
3.0
µs
C
T = 1200 pF, RT ≥ 12 kΩ
–
2.5
3.8
µs
Propagation Delay Time
t
pd
I
OUT = ±2.0 A, 50% EIN to 90% EOUT Transition:
ENABLE ON to Source ON
–
2.9
–
µs
ENABLE OFF to Source OFF
–
0.7
–
µs
ENABLE ON to Sink ON
–
2.4
–
µs
ENABLE OFF to Sink OFF
–
0.7
–
µs
PHASE Change to Source ON
–
2.9
–
µs
PHASE Change to Source OFF
–
0.7
–
µs
PHASE Change to Sink ON
–
2.4
–
µs
PHASE Change to Sink OFF
–
0.7
–
µs
t
pd(pwm)
Comparator Trip to Sink OFF
–
0.8
1.5
µs
Thermal Shutdown Temperature
T
J
–
165
–
°C
Thermal Shutdown Hysteresis
∆T
J
–
15
–
°C
UVLO Disable Threshold
V
CC(UVLO)
3.15
3.50
3.85
V
UVLO Hysteresis
∆V
CC(UVLO)
300
400
500
mV
Logic Supply Current
I
CC(ON)
V
ENABLE = 0.8 V, VBRAKE = 2.0 V
–
20
30
mA
(No Load)
I
CC(OFF)
V
ENABLE = 2.0 V, VMODE = 0.8 V
–
12
18
mA
I
CC(BRAKE)
V
BRAKE = 0.8 V
–
26
40
mA
I
CC(SLEEP)
V
ENABLE = VMODE = VBRAKE = 2.0 V
–
3.0
5.0
mA
NOTES: 1. Typical Data is for design information only.
2. Each driver is tested separately.
3. Negative current is defined as coming out of (sourcing) the specified device terminal.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com